Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P13SMBAPR103MLE Datasheet(PDF) 3 Page - Vishay Siliconix

Part # P13SMBAPR103MLE
Description  Fully Sealed Container Cermet Potentiometers Submarine Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P13SMBAPR103MLE Datasheet(HTML) 3 Page - Vishay Siliconix

  P13SMBAPR103MLE Datasheet HTML 1Page - Vishay Siliconix P13SMBAPR103MLE Datasheet HTML 2Page - Vishay Siliconix P13SMBAPR103MLE Datasheet HTML 3Page - Vishay Siliconix P13SMBAPR103MLE Datasheet HTML 4Page - Vishay Siliconix P13SMBAPR103MLE Datasheet HTML 5Page - Vishay Siliconix P13SMBAPR103MLE Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
P13SM
www.vishay.com
Vishay Sfernice
Revision: 29-Jul-2021
3
Document Number: 51064
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
STANDARD RESISTANCE ELEMENT DATA
STANDARD
RESISTANCE
VALUES
LINEAR TAPER
LOGS TAPED
TYPICAL
TCR
-55 °C
+125 °C
MAX.
POWER
AT 70 °C
MAX.
WORKING
VOLTAGE
MAX. CUR.
THROUGH
WIPER
MAX.
POWER
AT 70 °C
MAX.
WORKING
VOLTAGE
MAX. CUR.
THROUGH
WIPER
Ω
WV
mA
WV
mA
ppm/°C
22
1.5
5.74
261
-
-
-
± 150
47
1.5
8.4
177
-
-
-
100
1.5
12.2
122
-
-
-
220
1.5
18.2
82.6
-
-
-
470
1.5
26.5
56.5
-
-
-
1K
1.5
38.7
38.7
0.75
27
27
2.2K
1.5
57.5
26.1
0.75
40
18
4.7K
1.5
84
17.9
0.75
59
12
10K
1.5
122.5
12.2
0.75
87
8.7
22K
1.5
182
8.26
0.75
128
5.8
47K
1.5
265
5.65
0.75
187
3.9
100K
1.22
350
3.5
0.75
273
2.7
220K
0.56
350
1.6
0.56
350
1.6
470K
0.26
350
0.74
0.26
350
0.74
1M
0.12
350
0.35
0.12
350
0.35
2.2M
0.05
350
0.16
0.05
350
0.16
4.7M
0.026
350
0.074
-
-
-
10M
0.012
350
0.035
-
-
-
MECHANICAL SPECIFICATIONS
Mechanical travel
Style B
300° ± 5°
Style N
310° ± 5°
Operating torque (typical)
2 Ncm
2.85 oz. inch
End stop torque
Style B
35 Ncm max.
3.1 lb inch max.
Style N
80 Ncm max.
7.1 lb inch max.
Tightening torque of mounting nut
Style B
80 Ncm min., 150 Ncm max.
7 lb inch min., 13.3 lb inch max.
Style N
80 Ncm min., 250 Ncm max.
7 lb inch min., 22.1 lb inch max.
Unit weight
8 g to 27 g
0.3 oz. to 1 oz.
Terminals
e3: pure Sn
ENVIRONMENTAL SPECIFICATIONS
Temperature range
-55 °C to +125 °C
Climatic category
55 / 125 / 56
Sealing
Fully sealed - container IP68
Panel sealing
Immersion at 30 m (100 feet) in sea salt water or clear water



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com