Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P13LAB130MLB08E Datasheet(PDF) 5 Page - Vishay Siliconix

Part # P13LAB130MLB08E
Description  Fully Sealed Container Cermet Potentiometer Professional Grade
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P13LAB130MLB08E Datasheet(HTML) 5 Page - Vishay Siliconix

  P13LAB130MLB08E Datasheet HTML 1Page - Vishay Siliconix P13LAB130MLB08E Datasheet HTML 2Page - Vishay Siliconix P13LAB130MLB08E Datasheet HTML 3Page - Vishay Siliconix P13LAB130MLB08E Datasheet HTML 4Page - Vishay Siliconix P13LAB130MLB08E Datasheet HTML 5Page - Vishay Siliconix P13LAB130MLB08E Datasheet HTML 6Page - Vishay Siliconix P13LAB130MLB08E Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
P13
www.vishay.com
Vishay Sfernice
Upgrade for Submarine Version to P13SM
Revision: 21-Nov-2022
5
Document Number: 51034
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Nothing stated herein shall be construed as a guarantee of quality or durability
MARKING
Printed:
• Vishay trademark
• Part number (including ohmic value code, tolerance code and taper)
• Manufacturing date
•Marking of terminals a
PACKAGING
•In box
Hardware: nuts, washer, and O-ring are separately supplied (not mounted on the potentiometer), in a small bag placed in the packaging.
PERFORMANCE
TESTS
CONDITIONS
REQUIREMENTS
TYPICAL VALUES AND DRIFTS
ΔRT/RT
(%)
ΔR1-2/R1-2
(%)
OTHER
ΔRT/RT
(%)
ΔR1-2/R1-2
(%)
OTHER
Electrical
endurance
1000 h at rated power
90’/30’ - ambient temp. 70 °C
± 10 %
-
Contact res. variation:
< 7 % Rn
± 1 %
-
Contact res. variation:
< 3 % Rn
Climatic
sequence
Phase A dry heat 125 °C
Phase B damp heat
Phase C cold -55 °C
Phase D damp heat 5 cycles
± 10 %
± 10 %
-
± 0.5 %
± 1 %
-
Damp heat,
steady state
56 days
40 °C, 93 % HR
± 10 %
± 10 %
Dielectric strength:
250 V
Insulation resistance:
> 100 M
Ω
± 0.5 %
± 1 %
Dielectric strength:
1000 V
Insulation resistance:
> 104 M
Ω
Change of
temperature
5 cycles
-55 °C at +125 °C
± 3 %
-
-
± 0.5 %
-
-
Mechanical
endurance
25 000 cycles
± 10 %
-
Contact res. variation:
< 7 % Rn
± 3 %
-
Contact res. variation:
< 2 % Rn
Shock
50 g‘s at 11 ms
3 successive shocks
in 3 directions
± 2 %
-
-
± 0.1 %
± 0.2 %
-
Vibration
10 Hz to 55 Hz
0.75 mm or 10 g‘s
during 6 h
± 2 %
-
-
± 0.1 %
-
ΔV1-2/V1-3 < ± 0.2 %



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com