Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P13LAB130MLB08E Datasheet(PDF) 6 Page - Vishay Siliconix

Part # P13LAB130MLB08E
Description  Fully Sealed Container Cermet Potentiometer Professional Grade
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P13LAB130MLB08E Datasheet(HTML) 6 Page - Vishay Siliconix

  P13LAB130MLB08E Datasheet HTML 1Page - Vishay Siliconix P13LAB130MLB08E Datasheet HTML 2Page - Vishay Siliconix P13LAB130MLB08E Datasheet HTML 3Page - Vishay Siliconix P13LAB130MLB08E Datasheet HTML 4Page - Vishay Siliconix P13LAB130MLB08E Datasheet HTML 5Page - Vishay Siliconix P13LAB130MLB08E Datasheet HTML 6Page - Vishay Siliconix P13LAB130MLB08E Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
P13
www.vishay.com
Vishay Sfernice
Upgrade for Submarine Version to P13SM
Revision: 21-Nov-2022
6
Document Number: 51034
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING INFORMATION (part number)
P
1
3
P
A
B
103
M
L
B
1
7
E
MODEL
BUSHING
SHAFT
OHMIC
VALUE
TOLERANCE
TAPER
PACKAGING
SPECIAL
P13
ØL
Old
codes
ØL
Only
with
bushing
Old
Shaft
codes
Linear law
from 22
Ω
to 10 M
Ω
Logarithmic
law from
1 k
Ω to
2.2. M
Ω
103 = 10 k
Ω
M = 20 %
On request:
K = 10 %
A = linear
L = clockwise
logarithmic
F = inverse
clockwise
logarithmic
Bushing L or N:
shaft < 45 mm
B10 =
box of 10 pieces
shaft > 45 mm
B08 =
box of 8 pieces
Other bushings:
shaft < 20 mm
B17 =
box of 25 pieces
shaft > 20 mm
B12 =
box of 15 pieces
E =
locating peg
or
special
code given
by Vishay
T6
8
T
Q7
8
Q
AA 3 9.5
T, P
K
L 10 12
V
AB 3 12.5 T, P, O
L, M
O 6 11
H
AJ 3
22
T, P
R
P6
8
TP
EA 4 9.5
Q
E
N10 9.5
VP
EB 4 12.5
Q
F
EJ 4
22
Q
G
FG 6
16
L
AC
FL 6
25
L
AM
FR 6
50
L
AL
FE 6
13
N
AC
FK 6
22
N
AM
FQ 6 47.5
N
AL
PART NUMBER DESCRIPTION (for information only)
P13
T
PE
M
10K
20 %
L
BO
e3
MODEL
BUSHING SPECIAL
SHAFT
OHMIC
VALUE
TOL.
TAPER
SPECIAL
PACKAGING
SPECIAL
SHAFT SPECIAL
LEAD
(Pb)-FREE
RELATED DOCUMENTS
APPLICATION NOTES
Potentiometers and Trimmers
www.vishay.com/doc?51001
Guidelines for Vishay Sfernice Resistive and Inductive Components
www.vishay.com/doc?52029



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com