Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT818Q-R Datasheet(PDF) 27 Page - Bridgetek Pte Ltd.

Part # BT818Q-R
Description  Advanced Embedded Video Engine Datasheet
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

BT818Q-R Datasheet(HTML) 27 Page - Bridgetek Pte Ltd.

Back Button BT818Q-R Datasheet HTML 23Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 24Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 25Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 26Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 27Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 28Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 29Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 30Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 31Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 59 page
background image
Copyright © Bridgetek Pte Ltd
27
BT817/8 Advanced Embedded Video Engine Datasheet
Version 1.1
Document No.: BRT_000302 Clearance No.: BRT#154
Figure 4-6 RGB Timing Waveforms
BT817/8 supports adaptive HSYNC and adaptive framerate operations. In adaptive HSYNC mode
the graphics engine may delay the start of the scanout line up to the cycle count given in
REG_AH_HCYCLE_MAX, while keeping PCLK running. Adaptive HSYNC is enabled when
REG_AH_HCYCLE_MAX is set to a non-zero value between REG_HCYCLE and 4095. In adaptive
framerate mode the graphics engine may suspend PLCK if the next scanout line is not ready.
BT817/8 supports Horizontal Scanout Filter (HSF) operation. The HSF applies a high-quality filter to
output pixels, correcting for LCD panels with non-square pixels (the physical size of the LCD pixel is
not square). HSF is enabled and disabled with CMD_HSF. Note that HSF and 2X are not supported
together.
Table 4-15 lists all the supported display modes for the RGB interface.
EXTSYNC
2X
adaptive
HSF
Description
No
No
No
No
passthrough mode
No
No
framerate
No
passthrough, adaptive framerate
No
No
hsync
No
passthrough, adaptive hsync
No
No
*
Yes
not supported
Yes
No
No
No
extsync mode
Yes
No
No
Yes
extsync, HSF
Yes
No
framerate
No
extsync, adaptive framerate
Yes
No
framerate
Yes
extsync, adaptive framerate,
HSF
Yes
No
hsync
No
extsync, adaptive hsync
Yes
No
hsync
Yes
extsync, adaptive hsync, HSF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com