Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT818Q-R Datasheet(PDF) 31 Page - Bridgetek Pte Ltd.

Part # BT818Q-R
Description  Advanced Embedded Video Engine Datasheet
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

BT818Q-R Datasheet(HTML) 31 Page - Bridgetek Pte Ltd.

Back Button BT818Q-R Datasheet HTML 27Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 28Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 29Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 30Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 31Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 32Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 33Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 34Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 35Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 59 page
background image
Copyright © Bridgetek Pte Ltd
31
BT817/8 Advanced Embedded Video Engine Datasheet
Version 1.1
Document No.: BRT_000302 Clearance No.: BRT#154
50
D3
146.8
94
A#6
1864.7
51
D#3
155.6
95
B6
1975.5
52
E3
164.8
96
C7
2093.0
53
F3
174.6
97
C#7
2217.5
54
F#3
185.0
98
D7
2349.3
55
G3
196.0
99
D#7
2489.0
56
G#3
207.7
100
E7
2637.0
57
A3
220.0
101
F7
2793.8
58
A#3
233.1
102
F#7
2960.0
59
B3
246.9
103
G7
3136.0
60
C4
261.6
104
G#7
3322.4
61
C#4
277.2
105
A7
3520.0
62
D4
293.7
106
A#7
3729.3
63
D#4
311.1
107
B7
3951.1
64
E4
329.6
108
C8
4186.0
Table 4-18 MIDI Note Effect
4.7.2
Audio Playback
The BT817/8 can play back recorded sound through its audio output. To do this, load the original
sound data into the BT817/8’s RAM, and set registers to start the playback.
The registers controlling audio playback are:
REG_PLAYBACK_START:
the start address of the audio data
REG_PLAYBACK_LENGTH:
the length of the audio data, in bytes
REG_PLAYBACK_FREQ:
the playback sampling frequency, in Hz
REG_PLAYBACK_FORMAT:
the playback format, one of LINEAR SAMPLES, uLAW
SAMPLES, or ADPCM SAMPLES
REG_PLAYBACK_LOOP:
if zero, the sample is played once. If one, the sample is
repeated
indefinitely
REG_PLAYBACK_PLAY:
a write to this location triggers the start of audio playback,
regardless of writing ‘0’ or ‘1’. Read back ‘1’ when playback
is ongoing, and ‘0’ when playback finishes
REG_VOL_PB:
playback volume, 0-255
The mono audio formats supported are 8-bits PCM, 8-bits uLAW and 4-bits IMA-ADPCM.
For
ADPCM_SAMPLES, each sample is 4 bits, so two samples are packed per byte, the first sample is in
bits 0-3 and the second is in bits 4-7.
The current audio playback read pointer can be queried by reading the REG_PLAYBACK_READPTR.
Using a large sample buffer, looping, and this read pointer, the host MPU/MCU can supply a
continuous stream of audio.
4.8 Touch-Screen Engine
The BT817/8 touch-screen engine supports both resistive and capacitive touch panels. BT818
supports resistive touch, while BT817 supports capacitive touch.
4.8.1
Resistive Touch Control
The resistive touch-screen consists of a touch screen engine, ADC, Axis-switches, and ADC input
multiplexer. The touch screen engine reads commands from the memory map register and generates



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com