Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LLC16 Datasheet(PDF) 5 Page - Ceramate Technical

Part # 24LLC16
Description  16K-Bit-Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

24LLC16 Datasheet(HTML) 5 Page - Ceramate Technical

  24LLC16 Datasheet HTML 1Page - Ceramate Technical 24LLC16 Datasheet HTML 2Page - Ceramate Technical 24LLC16 Datasheet HTML 3Page - Ceramate Technical 24LLC16 Datasheet HTML 4Page - Ceramate Technical 24LLC16 Datasheet HTML 5Page - Ceramate Technical 24LLC16 Datasheet HTML 6Page - Ceramate Technical 24LLC16 Datasheet HTML 7Page - Ceramate Technical 24LLC16 Datasheet HTML 8Page - Ceramate Technical 24LLC16 Datasheet HTML 9Page - Ceramate Technical Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
24LLC16
16K-Bit-Serial EEPROM
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page
5 of 22
Rev 1.0 Aug.5, 2002
FUNCTION DESCRIPTION
I
2C-BUS INTERFACE
The 24LLC16 supports the I2C-bus serial interface data transmission protocol. The two-wire bus consists of a
serial data line (SDA) and a serial clock line (SCL). The SDA and the SCL lines must be connected to VCC by a
pull-up resistor that is located somewhere on the bus.
Any device that puts data onto the bus is defined as a “transmitter” and any device that gets data from the bus is
a “receiver.” The bus is controlled by a master device which generates the serial clock and start/stop conditions,
controlling bus access. Only one 24LLC16 devices can be connected to the I2C-bus as slaves (see Figure 5-
6). Both the master and slaves can operate as a transmitter or a receiver, but the master device determines
which bus operating mode would be active.
SDA
R
VCC
R
VCC
SCL
24LLC16
Slave
Bus Master
(Transmitter/
Receiver)
Master
Figure 5-6. Typical Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com