Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LLC16 Datasheet(PDF) 6 Page - Ceramate Technical

Part # 24LLC16
Description  16K-Bit-Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

24LLC16 Datasheet(HTML) 6 Page - Ceramate Technical

Back Button 24LLC16 Datasheet HTML 2Page - Ceramate Technical 24LLC16 Datasheet HTML 3Page - Ceramate Technical 24LLC16 Datasheet HTML 4Page - Ceramate Technical 24LLC16 Datasheet HTML 5Page - Ceramate Technical 24LLC16 Datasheet HTML 6Page - Ceramate Technical 24LLC16 Datasheet HTML 7Page - Ceramate Technical 24LLC16 Datasheet HTML 8Page - Ceramate Technical 24LLC16 Datasheet HTML 9Page - Ceramate Technical 24LLC16 Datasheet HTML 10Page - Ceramate Technical Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
24LLC16
16K-Bit-Serial EEPROM
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page
6 of 22
Rev 1.0 Aug.5, 2002
I
2C-BUS PROTOCOLS
Here are several rules for I2C-bus transfers:
— A new data transfer can be initiated only when the bus is currently not busy.
— MSB is always transferred first in transmitting data.
— During a data transfer, the data line (SDA) must remains stable whenever the clock line (SCL) is High.
The I2C-bus interface supports the following communication protocols:
•
Bus not busy: The SDA and the SCL lines remain in High level when the bus is not active.
•
Start condition: A start condition is initiated by a High-to-Low transition of the SDA line while SCL remains in
High level. All bus commands must be preceded by a start condition.
•
Stop condition: A stop condition is initiated by a Low-to-High transition of the SDA line while SCL remains in
High level. All bus operations must be completed by a stop condition (see Figure 5-7).
SCL
SDA
Start
Condition
Data or
ACK Valid
Data
Change
Stop
Condition
Figure 5-7. Data Transmission Sequence
•
Data valid: Following a start condition, the data becomes valid if the data line remains stable for the duration
of the High period of SCL. New data must be put onto the bus while SCL is Low. Bus timing is one clock
pulse per data bit. The number of data bytes to be transferred is determined by the master device. The total
number of bytes that can be transferred in one operation is theoretically unlimited.
•
ACK (Acknowledge): An ACK signal indicates that a data transfer is completed successfully. The transmitter
(the master or the slave) releases the bus after transmitting eight bits. During the 9th clock, which the master
generates, the receiver pulls the SDA line low to acknowledge that it has successfully received the eight bits
of data (see Figure 5-8). But the slave does not send an ACK if an internal write cycle is still in progress.
In data read operations, the slave releases the SDA line after transmitting 8 bits of data and then monitors
the line for an ACK signal during the 9th clock period. If an ACK is detected, the slave will continue to
transmit data. If an ACK is not detected, the slave terminates data transmission and waits for a stop condition
to be issued by the master before returning to its stand-by mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com