Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP64501 Datasheet(PDF) 14 Page - Diodes Incorporated

Part # AP64501
Description  3.8V TO 40V INPUT, 5A LOW IQ SYNCHRONOUS BUCK WITH PROGRAMMABLE SOFT-START TIME
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP64501 Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button AP64501 Datasheet HTML 10Page - Diodes Incorporated AP64501 Datasheet HTML 11Page - Diodes Incorporated AP64501 Datasheet HTML 12Page - Diodes Incorporated AP64501 Datasheet HTML 13Page - Diodes Incorporated AP64501 Datasheet HTML 14Page - Diodes Incorporated AP64501 Datasheet HTML 15Page - Diodes Incorporated AP64501 Datasheet HTML 16Page - Diodes Incorporated AP64501 Datasheet HTML 17Page - Diodes Incorporated AP64501 Datasheet HTML 18Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
AP64501
Document number: DS41980 Rev. 4 - 2
14 of 26
www.diodes.com
August 2019
© Diodes Incorporated
AP64501
Application Information (cont.)
10
Setting the Output Voltage
The AP64501 has adjustable output voltages starting from 0.8V using an external resistive divider. An optional external capacitor, C4 in Figure 1,
of 10pF to 220pF improves the transient response. The resistor values of the feedback network are selected based on a design trade-off between
efficiency and output voltage accuracy. There is less current consumption in the feedback network for high resistor values, which improves
efficiency at light loads. However, values too high cause the device to be more susceptible to noise affecting its output voltage accuracy. R1 can
be determined by the following equation:
(
)
Eq. 6
Table 1 shows a list of recommended component selections for common output voltages for AP64501 referencing Figure 1.
Table 1. Recommended Components Selections
AP64501
Output Voltage
(V)
R1
(k
Ω)
R2
(k
Ω)
L
(µH)
C1
(µF)
C2
(µF)
C3
(nF)
C4
(pF)
R5
(k
Ω)
C5
(nF)
C6
(pF)
(Optional)
1.2
11.0
22.1
1.5
10
3 x 22
100
OPEN
3.74
2.7
150
1.5
19.6
22.1
2.2
10
3 x 22
100
OPEN
4.75
2.7
120
1.8
27.4
22.1
2.2
10
3 x 22
100
OPEN
5.62
2.7
100
2.5
47.5
22.1
3.3
10
3 x 22
100
OPEN
7.87
2.7
68
3.3
69.8
22.1
3.3
10
3 x 22
100
OPEN
10.50
2.7
56
5.0
115.8
22.1
3.6
10
3 x 22
100
OPEN
15.80
2.7
33
12.0
309.0
22.1
10.0
10
3 x 22
100
OPEN
37.40
2.7
15
11
Programming Soft-Start Time
The AP64501 features a programmable soft-start time to prevent inrush current during the start-up sequence. Connect an external soft-start
capacitor, Css, from the SS pin to ground.
The SS pin sources an internal 4µA current to charge Css when the EN pin exceeds the device’s turn-on threshold. AP64501 uses the lower
voltage between the SS pin voltage and the internal 0.8V reference voltage as the input reference voltage for the error amplifier to regulate the
output. Soft-start finishes when the SS pin voltage exceeds the 0.8V internal reference. The Css capacitance required for a given soft-start time is
calculated by:
Eq. 7
Where:
Css is the capacitance in nF and is at least 10nF
tss is the soft-start time in ms and is at least 4ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com