Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP64501 Datasheet(PDF) 20 Page - Diodes Incorporated

Part # AP64501
Description  3.8V TO 40V INPUT, 5A LOW IQ SYNCHRONOUS BUCK WITH PROGRAMMABLE SOFT-START TIME
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP64501 Datasheet(HTML) 20 Page - Diodes Incorporated

Back Button AP64501 Datasheet HTML 16Page - Diodes Incorporated AP64501 Datasheet HTML 17Page - Diodes Incorporated AP64501 Datasheet HTML 18Page - Diodes Incorporated AP64501 Datasheet HTML 19Page - Diodes Incorporated AP64501 Datasheet HTML 20Page - Diodes Incorporated AP64501 Datasheet HTML 21Page - Diodes Incorporated AP64501 Datasheet HTML 22Page - Diodes Incorporated AP64501 Datasheet HTML 23Page - Diodes Incorporated AP64501 Datasheet HTML 24Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
AP64501
Document number: DS41980 Rev. 4 - 2
20 of 26
www.diodes.com
August 2019
© Diodes Incorporated
AP64501
Application Information (cont.)
16
External Loop Compensation Design (cont.)
The following is an example of how to choose component values for external loop compensation. Actual component values used in the application
circuit may vary slightly from the calculated first-order approximation equations.
Let the following conditions be defined:
VIN = 12V
VOUT = 5V
IOUT = 5A
fsw = 570kHz
fc = 15kHz
R1 = 115
kΩ
R2 = 22.1kΩ
L = 3.6µH
C2 = 3 ×
22µF (Effectively, COUT ≈ 45µF)
RC ≈ 1mΩ
AP64501
VIN
EN
SW
BST
FB
GND
INPUT
R1
115kΩ
C4
R2
22.1kΩ
L
3.6μH
C3
100nF
C2
3 x 22µF
C1
10µF
OUTPUT
VOUT
5V
COMP
R5
C5
C6
SS
Css
10nF
VIN
12V
Figure 27. Example Circuit for Loop Compensation Calculations
The calculations of the main component values involved in the external loop compensation, R5 and C5, are required. If the optional C4 and C6
capacitors are used, their calculations are also required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com