Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9251VLE Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE9251VLE
Description  High Speed CAN Transceiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9251VLE Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE9251VLE Datasheet HTML 6Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 7Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 8Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 9Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 10Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 11Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 12Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 13Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Datasheet
10
Rev. 1.11
2019-09-19
High Speed CAN Transceiver
TLE9251V
Modes of operation
6
Modes of operation
The TLE9251V supports three different modes of operation (see Figure 4 and Table 5):
• Normal-operating mode
•Stand-by mode
•Forced-receive-only mode
Mode changes are either triggered by the mode selection input pin STB or by an undervoltage event on the
transmitter supply VCC. Wake-up events on the HS CAN bus are indicated on the RxD output pin in Stand-by
mode, but no mode change is triggered by a wake-up event. An undervoltage event on the digital supply VIO
powers down the TLE9251V.
Figure 4
Mode state diagram
Table 5
Modes of operation
Mode
STB
VIO VCC Bus Bias Transmitter Normal-mode
Receiver
Low-power
Receiver
Normal-operating
“low” “on” “on” VCC/2
“on”
“on”
“off”
Forced-receive-only
“low” “on” “off” GND
“off”
“on”
“off”
Stand-by
“high” “on” “X” GND
“off”
“off”
“on”
Power-down state
“X”
“off” “X” floating
“off”
“off”
“off”
STB
VCC
VIO
Power-down
state
“X”
“X”
“off”
Normal-operating
mode
STB
VCC
VIO
0
“on”
“on”
Forced-
receive-only
mode
STB
VCC
VIO
0
“off”
“on”
Stand-by
mode
STB
VCC
VIO
1
“X”
“on”
VIO “on”
VCC “off”
STB “0”
VIO “on”
VCC “on”
STB “0”
VIO “on”
VCC “X”
STB “1”
VIO “on”
VCC “off”
STB “0”
VIO “on”
VCC “X”
STB “1”
VIO “on”
VCC “on”
STB “0”
VIO “on”
VCC “on”
STB “0”
VIO “on”
VCC “X”
STB “1”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com