Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9251VLE Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TLE9251VLE
Description  High Speed CAN Transceiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9251VLE Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TLE9251VLE Datasheet HTML 12Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 13Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 14Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 15Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 16Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 17Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 18Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 19Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
Datasheet
16
Rev. 1.11
2019-09-19
High Speed CAN Transceiver
TLE9251V
Changing the mode of operation
7.4
Remote wake-up
The TLE9251V has a remote wake-up feature also called bus wake-up feature according to the ISO 11898-2
(2016). In Stand-by mode the low-power receiver monitors the activity on the CAN bus and in case it detects a
wake-up pattern it indicates the wake-up signal on the RxD output pin.
The low-power receiver is supplied by the digital supply VIO and therefore in Stand-by mode the transmitter
supply VCC can be turned off.
In Stand-by mode a wake-up event on the HS CAN is flagged on the RxD output pin (see Figure 11). The
transceiver remains in the currently selected mode of operation. No mode change is applied due to the wake-
up event (see Figure 10).
Figure 10
Remote wake-up
A bus wake-up is triggered by a dedicated valid wake-up pattern. The defined wake-up pattern avoids any
false wake-up by spikes which might be on the HS CAN bus or by a permanent bus shortage.
The internal wake-up flag will be reset when:
• A mode change to Normal-operating mode is applied during the wake-up pattern.
• A power-down event occurs on the digital supply VIO.
Within the maximum wake-up time tWAKE, the wake-up pattern contents a dominant signal with the pulse
width tFilter, followed by a recessive signal with the pulse width tFilter and another dominant signal with the
pulse width tFilter (see Figure 11). The RxD output remains logical “high” as long no wake-up event has been
detected.
Stand-by
mode
STB
VCC
VIO
1
“X”
“on”
VIO “on”
STB “1”
Bus wake-up
pattern
Indication on
RxD if wake-
up pattern
detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com