Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL68220IRAZ Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # ISL68220IRAZ
Description  Digital Dual Output, 2-Phase PWM Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68220IRAZ Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button ISL68220IRAZ Datasheet HTML 87Page - Renesas Technology Corp ISL68220IRAZ Datasheet HTML 88Page - Renesas Technology Corp ISL68220IRAZ Datasheet HTML 89Page - Renesas Technology Corp ISL68220IRAZ Datasheet HTML 90Page - Renesas Technology Corp ISL68220IRAZ Datasheet HTML 91Page - Renesas Technology Corp ISL68220IRAZ Datasheet HTML 92Page - Renesas Technology Corp ISL68220IRAZ Datasheet HTML 93Page - Renesas Technology Corp ISL68220IRAZ Datasheet HTML 94Page - Renesas Technology Corp ISL68220IRAZ Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 98 page
background image
ISL68220
10. PMBus Command Detail
R16DS0015EU0100 Rev.1.00
Page 91 of 97
Oct.1.20
10.87 PEAK_OCUC_COUNT (E9h)
Definition: Sets the number of consecutive switch cycles that can exceed the peak per-phase overcurrent limit
threshold before generating a fault within a rail. A value of 0 disables the fault shutdown and produces a constant
current effect.
Access: Paged
Data Length in Bytes: 2
Data Format: Bit Field
Type: R/W
Equation: Peak UC Count = (Direct value [15:8]), Peak OC Count = (Direct value [7:0])
Units: Cycles
Default Value: 0606h (6 cycles OC and 6 cycles UC)
Range: 1 cycle - 255 cycles
Command
PEAK_OCUC_COUNT (E9h)
Format
Bit Field
Bit Position
15
14
13
12
11
10
987
6543
210
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Function
See Following Table
Default Value
0000
01100
0000
110
Bit Number
Meaning
15:8
Number of consecutive switch cycles exceeding peak UC limit before fault
7:0
Number of consecutive switch cycles exceeding peak OC limit before fault



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com