Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL68220IRAZ Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL68220IRAZ
Description  Digital Dual Output, 2-Phase PWM Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68220IRAZ Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL68220IRAZ Datasheet HTML 1Page - Renesas Technology Corp ISL68220IRAZ Datasheet HTML 2Page - Renesas Technology Corp ISL68220IRAZ Datasheet HTML 3Page - Renesas Technology Corp ISL68220IRAZ Datasheet HTML 4Page - Renesas Technology Corp ISL68220IRAZ Datasheet HTML 5Page - Renesas Technology Corp ISL68220IRAZ Datasheet HTML 6Page - Renesas Technology Corp ISL68220IRAZ Datasheet HTML 7Page - Renesas Technology Corp ISL68220IRAZ Datasheet HTML 8Page - Renesas Technology Corp ISL68220IRAZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 98 page
background image
R16DS0015EU0100 Rev.1.00
Page 1 of 97
Oct.1.20
ISL68220
Digital Dual Output, 2-Phase PWM Controller
Datasheet
The ISL68220 is a digital dual output multiphase
(X+Y ≤ 2) PWM controller with PMBus V1.3
compatibility. The controller can be configured to
support any required phase assignments up to a
maximum of two phases across the two outputs (X
and Y). For example, 1+1, 1+0, or even single output
operation as a 2+0 configuration are supported. When
combined with the Renesas family of Smart Power
Stages and DrMOS devices, designs of exceptional
density and performance can be created.
The ISL68220 uses the proprietary Renesas digital
synthetic current modulation scheme to achieve the
industry-best combination of transient response, ease
of tuning, and efficiency across the full load range.
Diode emulation and automatic phase add/drop
features allow you to extract maximum efficiency from
the converter regardless of load conditions. You can
use the intuitive Renesas PowerNavigator™ to
configure and monitor the device.
With minimal external components, easy
configuration, robust fault management, and highly
accurate regulation capability, implementing a
high-performance, multiphase regulator has never
been easier.
Applications
• DDR memory solutions
• Artificial intelligence/accelerator cards (FPGA,
ASIC)
• Network equipment
• Server/storage equipment
• Telecom/datacom equipment
• Point-of-load power supply (memory, DSP, ASIC,
FPGA)
Related Literature
For a full list of related documents, visit our website:
• ISL68220 device page
Features
• Advanced linear digital modulation scheme
○ Auto phase add/drop with PFM mode for
excellent load vs efficiency profile
○ Dual edge modulation with optional diode braking
for faster transient response
○ Excellent VOUT transition performance
○ Zero latency synthetic current control for excellent
high-frequency current balance
• Flexible phase assignment from 0 to 2 phases per
output
• Up to 2MHz switching frequency operation for high
density designs
• Differential remote voltage sensing supports ±0.5%
closed-loop system accuracy over load, line, and
temperature
• Highly accurate current sensing for excellent
load-line regulation and accurate OCP
○ Supports the full range of Renesas Smart Power
Stage (SPS) devices
• Comprehensive fault management enables high
reliability systems
○ Pulse-by-pulse (per phase) and total output
current limiting
○ Black Box status recording capability with first
fault indicator
• Intuitive configuration using PowerNavigator
• SMBus/PMBus V1.3 compatible
• Up to 16 user configurations stored in device
Non-Volatile Memory (NVM)


Similar Part No. - ISL68220IRAZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL68220 RENESAS-ISL68220 Datasheet
1Mb / 98P
Digital Triple Output, 3-Phase PWM Controller
Oct.1.20
ISL68220 RENESAS-ISL68220 Datasheet
1Mb / 103P
Digital Dual Output, 5-Phase Controller
Oct.1.20
ISL68220 RENESAS-ISL68220 Datasheet
1Mb / 97P
Digital Triple Output, 6-Phase PWM Controller
Oct.1.20
ISL68220 RENESAS-ISL68220 Datasheet
2Mb / 107P
Digital Dual Output, 9-Phase PWM Controller
Oct.1.20
ISL68220 RENESAS-ISL68220 Datasheet
1Mb / 96P
Digital Triple Output, 8-Phase PWM Controller
Oct.1.20
More results

Similar Description - ISL68220IRAZ

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3536 IRF-IR3536 Datasheet
354Kb / 3P
Digital Multi-Phase Buck Controller 6-phase 8-phase dual output PWM Controller
logo
Intersil Corporation
ISL69137 INTERSIL-ISL69137 Datasheet
88Kb / 2P
Digital Dual Output, 7-Phase Configurable, IMVP8 PWM Controller
September 6, 2016
logo
Renesas Technology Corp
ISL69147 RENESAS-ISL69147 Datasheet
177Kb / 2P
Digital Dual Output 7-Phase AMD PWM Controller
ISL68225 RENESAS-ISL68225 Datasheet
2Mb / 107P
Digital Dual Output, 9-Phase PWM Controller
Oct.1.20
ISL69124 RENESAS-ISL69124 Datasheet
187Kb / 2P
Digital Dual Output, 4-Phase Configurable, VR13 PWM Controller
Jan 4, 2018
ISL69125 RENESAS-ISL69125 Datasheet
181Kb / 2P
Digital Dual Output, 4-Phase Configurable, VR13 PWM Controller
Jan 4, 2018
ISL69127 RENESAS-ISL69127 Datasheet
177Kb / 2P
Digital Dual Output 61-Phase VR13 PWM Controller
Jan 12, 2018
ISL69134 RENESAS-ISL69134 Datasheet
181Kb / 2P
Digital Dual Output, 4-Phase Configurable, IMVP8 PWM Controller
Jan 15, 2018
ISL69137 RENESAS-ISL69137 Datasheet
183Kb / 2P
Digital Dual Output, 7-Phase Configurable, IMVP8 PWM Controller
Feb 28, 2018
ISL69144 RENESAS-ISL69144 Datasheet
179Kb / 2P
Digital Dual Output 4-Phase AMD PWM Controller
Jan 12, 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com