Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL68222IRAZ Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # ISL68222IRAZ
Description  Digital Dual Output, 5-Phase Controller
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68222IRAZ Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button ISL68222IRAZ Datasheet HTML 35Page - Renesas Technology Corp ISL68222IRAZ Datasheet HTML 36Page - Renesas Technology Corp ISL68222IRAZ Datasheet HTML 37Page - Renesas Technology Corp ISL68222IRAZ Datasheet HTML 38Page - Renesas Technology Corp ISL68222IRAZ Datasheet HTML 39Page - Renesas Technology Corp ISL68222IRAZ Datasheet HTML 40Page - Renesas Technology Corp ISL68222IRAZ Datasheet HTML 41Page - Renesas Technology Corp ISL68222IRAZ Datasheet HTML 42Page - Renesas Technology Corp ISL68222IRAZ Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 103 page
background image
ISL68222, ISL68233
10. PMBus Command Detail
R16DS0036EU0100 Rev.1.00
Page 39 of 102
Oct.1.20
10.3 ON_OFF_CONFIG (02h)
Definition: Configures the interpretation and coordination of the OPERATION command and the ENABLE pin.
Access: Paged
Data Length in Bytes: 1
Data Format: Bit Field
Type: R/W
Default Value: 17h (ENABLE pin control, active high, immediate off)
10.4 CLEAR_FAULTS (03h)
Definition: Clears all fault status bits in all registers and releases the nPMALERT pin (if asserted) simultaneously.
If a fault condition still exists, the bit(s) reasserts immediately. This command does not restart a device if it is shut
down, it only clears the faults.
Access: Paged
Data Length in Bytes: 0
Data Format: N/A
Type: Write only
Command
ON_OFF_CONFIG (02h)
Format
Bit Field
Bit Position
76
54
32
1
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Function
See Following Table
Default Value
0
00
10
111
Bit Number
Purpose
Bit Value
Meaning
7:5
Not Supported
000
Not supported
4:2
Sets the source of
enable
0XX
Output enables any time power is present regardless of pin or
OPERATION command state.
101
Output enables from the enable pin only.
110
Output enables from the OPERATION command only.
111
Output enables from the enable pin AND the OPERATION
command. Both must be set to enable.
1
Polarity of ENABLE pin
0
Active low
1
Active high
0
ENABLE pin action
when commanding the
unit to turn off
0
Use the configured TOFF_DELAY and TOFF_FALL settings.
1
Turn off the output immediately (decay with PWM tri-state).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com