Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL68222IRAZ Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # ISL68222IRAZ
Description  Digital Dual Output, 5-Phase Controller
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68222IRAZ Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button ISL68222IRAZ Datasheet HTML 93Page - Renesas Technology Corp ISL68222IRAZ Datasheet HTML 94Page - Renesas Technology Corp ISL68222IRAZ Datasheet HTML 95Page - Renesas Technology Corp ISL68222IRAZ Datasheet HTML 96Page - Renesas Technology Corp ISL68222IRAZ Datasheet HTML 97Page - Renesas Technology Corp ISL68222IRAZ Datasheet HTML 98Page - Renesas Technology Corp ISL68222IRAZ Datasheet HTML 99Page - Renesas Technology Corp ISL68222IRAZ Datasheet HTML 100Page - Renesas Technology Corp ISL68222IRAZ Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 103 page
background image
ISL68222, ISL68233
12. AVSBus Command Detail
R16DS0036EU0100 Rev.1.00
Page 97 of 102
Oct.1.20
12.3 RAIL CURRENT (2h)
Definition: Returns the output current reading. 10mA per LSB. A filter is applied to this reading, and it is
configurable in PowerNavigator.
Access: Paged
Data Length in Bytes: 2
Data Format: Direct
Type: Read Only
Default Value: N/A
Units: A
Equation: RAIL CURRENT= (Direct value) / 100
12.4 RAIL TEMPERATURE (3h)
Definition: Returns the power stage temperature reading. 0.1°C per LSB. This value is copied from the
READ_TEMPERATURE_1 (8Dh) PMBus command.
Access: Paged
Data Length in Bytes: 2
Data Format: Direct
Type: Read Only
Default Value: N/A
Units: °C
Equation: TEMPERATURE = (Direct value) / 10
Command
RAIL CURRENT (2h)
Format
Direct
Bit Position
15
14
13
12
11
10
98
76543
210
Access
RRRR
RRRRR
RRRR
RRR
Function
Two’s Complement Integer
Command
RAILTEMPERATURE (3h)
Format
Direct
Bit Position
15
14
13
12
11
10
98
76543
210
Access
RRRR
RRRRR
RRRR
RRR
Function
Two’s Complement Integer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com