Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8317 Datasheet(PDF) 61 Page - Texas Instruments

Part # DRV8317
Description  DRV8317 Three-Phase PWM Motor Driver
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8317 Datasheet(HTML) 61 Page - Texas Instruments

Back Button DRV8317 Datasheet HTML 57Page - Texas Instruments DRV8317 Datasheet HTML 58Page - Texas Instruments DRV8317 Datasheet HTML 59Page - Texas Instruments DRV8317 Datasheet HTML 60Page - Texas Instruments DRV8317 Datasheet HTML 61Page - Texas Instruments DRV8317 Datasheet HTML 62Page - Texas Instruments DRV8317 Datasheet HTML 63Page - Texas Instruments DRV8317 Datasheet HTML 64Page - Texas Instruments DRV8317 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 69 page
background image
11 Layout
11.1 Layout Guidelines
The bulk capacitor should be placed to minimize the distance of the high-current path through the motor driver
device. The connecting metal trace widths should be as wide as possible, and numerous vias should be used
when connecting PCB layers. These practices minimize inductance and allow the bulk capacitor to deliver high
current.
Small-value capacitors should be ceramic, and placed closely to device pins including, AVDD, charge pump,
CSAREF, VINAVDD and VM.
The high-current device outputs should use wide metal traces.
To reduce noise coupling and EMI interference from large transient currents into small-current signal paths,
grounding should be partitioned between PGND and AGND. TI recommends connecting all non-power stage
circuitry (including the thermal pad) to AGND to reduce parasitic effects and improve power dissipation from
the device. Ensure grounds are connected through net-ties to reduce voltage offsets and maintain gate driver
performance. A common ground plane can also be used for PGND and AGND to minimize inductance in the
grounding, but it is recommended to place motor switching outputs as far away from analog and digital signals
so motor noise does not couple into the analog and digital circuits.
The device thermal pad should be soldered to the PCB top-layer ground plane. Multiple vias should be used to
connect to a large bottom-layer ground plane. The use of large metal planes and multiple vias helps dissipate
the heat that is generated in the device.
To improve thermal performance, maximize the ground area that is connected to the thermal pad ground across
all possible layers of the PCB. Using thick copper pours can lower the junction-to-air thermal resistance and
improve thermal dissipation from the die surface.
Figure 11-1 shows a recommended layout example.
www.ti.com
DRV8317
SLVSGT3 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
61
Product Folder Links: DRV8317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com