Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8317 Datasheet(PDF) 29 Page - Texas Instruments

Part # DRV8317
Description  DRV8317 Three-Phase PWM Motor Driver
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8317 Datasheet(HTML) 29 Page - Texas Instruments

Back Button DRV8317 Datasheet HTML 25Page - Texas Instruments DRV8317 Datasheet HTML 26Page - Texas Instruments DRV8317 Datasheet HTML 27Page - Texas Instruments DRV8317 Datasheet HTML 28Page - Texas Instruments DRV8317 Datasheet HTML 29Page - Texas Instruments DRV8317 Datasheet HTML 30Page - Texas Instruments DRV8317 Datasheet HTML 31Page - Texas Instruments DRV8317 Datasheet HTML 32Page - Texas Instruments DRV8317 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 69 page
background image
Table 8-6. Fault Action and Response (continued)
FAULT
CONDITION
CONFIGURATION
REPORT
PRE-DRIVER
FAULT STATUS
BITS
DIGITAL
RECOVERY
VM over voltage
protection
(VM_OV)
VVM > VOVP (rising)
OVP_MODE = 00b
nFAULT
Hi-Z
Latched
Active
Automatic:
SLOW_TRETRY and VVM < VOVP
(falling)
OVP_MODE = 01b
nFAULT
Hi-Z
Latched
Active
Automatic:
FAST_TRETRY and VVM < VOVP
(falling)
SPI fault
(SPIFLT)
SCLK fault and ADDR
fault
SPIFLT_MODE = 0b
nFAULT
Active
Latched
Active
No action; report only mode
SPIFLT_MODE = 1b
Active
Active
System (OTP
read)
(SYSFLT)
OTP read parity fault
nFAULT
Disabled
Latched
Active
Latched:
Cleared by FLT_CLR bit or nSLEEP
reset pulse
FET over
temperature
warning
(OTW_FET)
TJ > TOTW_FET
OTF_MODE = 00b
nFAULT
Hi-Z
Latched
Active
Automatic:
SLOW_TRETRY and TJ < TOTW_FET
- TOTW_FET_HYS
OTF_MODE = 01b
nFAULT
Hi-Z
Latched
Active
Automatic:
FAST_TRETRY and TJ < TOTW_FET -
TOTW_FET_HYS
FET over
temperature
shutdown
(OTS_FET)
TJ > TOTS_FET
OTF_MODE = 00b
nFAULT
Hi-Z
Latched
Active
Automatic:
SLOW_TRETRY and TJ < TOTS_FET -
TOTS_FET_HYS
OTF_MODE = 01b
nFAULT
Hi-Z
Latched
Active
Automatic:
FAST_TRETRY and TJ < TOTS_FET -
TOTS_FET_HYS
AVDD LDO over
temperature
shutdown
(OTS_LDO)
TJ > TOTS_LDO
Hi-Z
Reset
Automatic:
TJ < TOTS_LDO - TOTS_LDO_HYS
8.3.11.1 Under Voltage Protection (UVP)
DRV8317 has under voltage protection enabled for VM, VIN_AVDD, AVDD and CP voltage rails - these fault
protections cannot be disabled. VM, VIN_AVDD and AVDD under voltage faults result in device reset; CP under
voltage fault response is user configurable through UVP mode.
VM, VIN_AVDD, AVDD Under Voltage Protection (VIN_AVDD_UV, AVDD_UV)
If at any time, the voltage on VIN_AVDD or AVDD pin falls below the corresponding under voltage falling
threshold (VVINAVDD_UV or VAVDD_UV), DRV8317 enters reset - in reset, FETs are in Hi-Z, pre-driver, charge
pump, current sense amplifier and digital logic are disabled. Normal device operation resumes automatically
after the respective rail voltage rises above the corresponding under voltage rising threshold (VVINAVDD_UV or
VAVDD_UV) as shown in Figure 8-22.
VUV (min) falling
VUV (max) falling
VUV (max) rising
VUV (min) rising
VVIN_AVDD, VAVDD
DEVICE ON
DEVICE RESET
DEVICE ON
Time
Figure 8-22. VIN_AVDD, AVDD Under Voltage Protection
VM, CP Under Voltage Protection (VM_UV, CP_UV)
If at any time the voltage on VM or CP pin falls below the corresponding under voltage falling threshold (VVM_UV
or VCP_UV), FETs are in Hi-Z, charge pump is disabled, nFAULT pin is driven low, FAULT and UVP in DEV_STS
www.ti.com
DRV8317
SLVSGT3 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: DRV8317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com