Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8317S Datasheet(PDF) 30 Page - Texas Instruments

Part # DRV8317S
Description  DRV8317 Three-Phase PWM Motor Driver
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8317S Datasheet(HTML) 30 Page - Texas Instruments

Back Button DRV8317S Datasheet HTML 26Page - Texas Instruments DRV8317S Datasheet HTML 27Page - Texas Instruments DRV8317S Datasheet HTML 28Page - Texas Instruments DRV8317S Datasheet HTML 29Page - Texas Instruments DRV8317S Datasheet HTML 30Page - Texas Instruments DRV8317S Datasheet HTML 31Page - Texas Instruments DRV8317S Datasheet HTML 32Page - Texas Instruments DRV8317S Datasheet HTML 33Page - Texas Instruments DRV8317S Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 69 page
background image
and VM_UV or CP_UV in SUP_STS are set to 1b. Normal operation resumes automatically (pre-driver, charge
pump operation and the nFAULT pin is released) once the retry time (tRETRY) lapses after VM or CP voltage
is above the corresponding under voltage rising threshold (VVM_UV or VCP_UV) as shown in Figure 8-23. The
FAULT, UVP and UV_UV or CP_UV bits stay set to 1b until a clear fault command is issued either through the
FLT_CLR bit or an nSLEEP reset pulse (tRST).
Retry time (tRETRY) is set by,
• Slow retry time (SLOW_TRETRY) by configuring UVP_MODE to 00b
• Fast retry time (FAST_TRETRY) by configuring UVP_MODE to 01b
IN DRV8317H, UVP_MODE is set to 01b and FAST_TRETRY is fixed at 5-ms.
VUV (min) falling
VUV (max) falling
VUV (max) rising
VUV (min) rising
VVM, VCP
FETs ON
Time
FETs OFF
tRETRY
FETs ON
tRETRY
Figure 8-23. VM, CP Under Voltage Protection
8.3.11.2 VM Under Voltage Warn (VMUV_WARN) Protection
DRV8317 provides user configurable thresholds (VVMUV_WARN_FALL, VVMUV_WARN_RISE) for VM under voltage
warn protection. If at any time, voltage on VM pin falls below the VVMUV_WARN_FALL threshold, action is taken as
per VMUV_WARN_MODE configuration. There are four settings for VMUV_WARN_MODE: automatic retry with
slow and fast retry time, report only and disabled. The threshold for the VM under voltage warn fault condition
to be removed is set by VVMUV_WARN_RISE. This fault can be enabled/ disabled using VMUV_WARN_EN. In
DRV8317H, this fault is enabled by default and set to report only mode (VMUV_WARN_MODE set to 10b).
8.3.11.2.1 VM Under Voltage Warn Automatic Retry (VMUV_WARN_MODE = 00b or 01b)
After a VM under voltage warn event in this mode, all the FETs are in Hi-Z and the nFAULT pin is driven low.
The FAULT, UVW bits (in DEV_STS register) and VMUV_WARN bit (in SUP_STS register) are set to 1b. Normal
operation resumes automatically (pre-driver operation and the nFAULT pin is released) once the retry time
(tRETRY) time lapses after the VM pin voltage rises above the VVMUV_WARN_RISE threshold as shown in Figure
8-24. The FAULT, UVW and VMUV_WARN bits stay set to 1b until clear fault command is issued either through
the FLT_CLR bit or an nSLEEP reset pulse (tRST).
Retry time (tRETRY) is set by,
• Slow retry time (SLOW_TRETRY) by configuring VPWR_MODE to 00b
• Fast retry time (FAST_TRETRY) by configuring VPWR_MODE to 01b
DRV8317
SLVSGT3 – DECEMBER 2022
www.ti.com
30
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com