| Electronic Components Datasheet Search |
|
DRV8317S Datasheet(PDF) 3 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DRV8317S Datasheet(HTML) 3 Page - Texas Instruments |
|
3 / 69 page ![]() 5 Device Comparison Table DEVICE PACKAGES INTERFACE DRV8317S 36-pin WQFN (5-mm x 4-mm) SPI DRV8317H Hardware (Pin) Table 5-1. DRV8317S vs DRV8317H Configuration Comparison Parameters DRV8317S DRV8317H PWM control mode PWM_MODE (4 settings) MODE pin (2 settings) Slew rate SLEW_RATE (4 settings) SLEW pin (4 settings) Current sense amplifier gain CSA_GAIN (4 settings) GAIN pin (4 settings) OCP blanking time OCP_TBLANK (4 settings) Fixed to 0.7-µs OCP deglitch time OCP_DEG (4 settings) Fixed to 0.6-µs OCP mode OCP_MODE (4 settings), Configurable retry time 5-ms automatic retry Dead time Fixed based on SLEW_RATE setting Fixed based on SLEW pin setting Propagation delay Fixed based on SLEW_RATE setting Fixed based on SLEW pin setting Driver delay compensation DLYCMP_EN (2 settings) Disabled Spread Spectrum Clock for internal oscillator SSC_DIS (2 settings) Enabled VM under voltage lockout VM under voltage protection always enabled. VM under voltage protection mode set by UVP_MODE (2 settings); configurable retry time using SLOW_TRETRY and FAST_TRETRY. VM under voltage protection always enabled. Auto-retry mode for VM under voltage with 5-ms retry time. VIN_AVDD, AVDD under voltage lockout VIN_AVDD and AVDD under voltage protection always enabled. Device resets on VIN_AVDD or AVDD under voltage. VIN_AVDD and AVDD under voltage protection always enabled. Device resets on VIN_AVDD or AVDD under voltage. CP under voltage lockout CP under voltage protection always enabled. CP under voltage protection mode set by UVP_MODE (2 settings); configurable retry time using SLOW_TRETRY and FAST_TRETRY. CP under voltage protection always enabled. Auto-retry mode for CP under voltage with 5-ms retry time. VM over voltage OVP_MODE (2 settings); configurable retry time using SLOW_TRETRY and FAST_TRETRY 5-ms automatic retry SPI fault SPIFLT_MODE (2 settings) N/A FET over temperature warning (OTW_FET) Enable/disable using OTW_FET_EN. If enabled, over temperature warning is reported on nFAULT pin and OTW_FET bit in OT_STS register. Disabled FET over temperature shutdown (OTS_FET) OTF_MODE (2 settings); configurable retry time using SLOW_TRETRY and FAST_TRETRY 5-ms automatic retry www.ti.com DRV8317 SLVSGT3 – DECEMBER 2022 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 3 Product Folder Links: DRV8317 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |