Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM2310BECADJR Datasheet(PDF) 4 Page - Diodes Incorporated

Part # PAM2310BECADJR
Description  2A LOW NOISE STEP-DOWN DC-DC CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2310BECADJR Datasheet(HTML) 4 Page - Diodes Incorporated

  PAM2310BECADJR Datasheet HTML 1Page - Diodes Incorporated PAM2310BECADJR Datasheet HTML 2Page - Diodes Incorporated PAM2310BECADJR Datasheet HTML 3Page - Diodes Incorporated PAM2310BECADJR Datasheet HTML 4Page - Diodes Incorporated PAM2310BECADJR Datasheet HTML 5Page - Diodes Incorporated PAM2310BECADJR Datasheet HTML 6Page - Diodes Incorporated PAM2310BECADJR Datasheet HTML 7Page - Diodes Incorporated PAM2310BECADJR Datasheet HTML 8Page - Diodes Incorporated PAM2310BECADJR Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
PAM2310
Document number: DS36397 Rev. 3 - 2
4 of 11
www.diodes.com
April 2020
© Diodes Incorporated
PAM2310
Typical Performance Characteristics (@TA = +25°C, CIN = 22µF, CO = 22µF, unless otherwise specified.)
VIN=3.6V
VIN=5.0V
VIN=5.5V
IO=100mA
IO=1000mA
IO=2000mA
VIN=3.6V
VIN=5.0V
VIN=5.5V
VIN=4.5V
VIN=5.0V
VIN=5.5V
IO=100mA
IO=1000mA
IO=2000mA
Output Current (mA)
Output Current (mA)
Input Voltage (V)
Input Voltage (V)
Output Current (mA)
Input Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com