Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM2310BECADJR Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PAM2310BECADJR
Description  2A LOW NOISE STEP-DOWN DC-DC CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2310BECADJR Datasheet(HTML) 1 Page - Diodes Incorporated

  PAM2310BECADJR Datasheet HTML 1Page - Diodes Incorporated PAM2310BECADJR Datasheet HTML 2Page - Diodes Incorporated PAM2310BECADJR Datasheet HTML 3Page - Diodes Incorporated PAM2310BECADJR Datasheet HTML 4Page - Diodes Incorporated PAM2310BECADJR Datasheet HTML 5Page - Diodes Incorporated PAM2310BECADJR Datasheet HTML 6Page - Diodes Incorporated PAM2310BECADJR Datasheet HTML 7Page - Diodes Incorporated PAM2310BECADJR Datasheet HTML 8Page - Diodes Incorporated PAM2310BECADJR Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PAM2310
Document number: DS36397 Rev. 3 - 2
1 of 11
www.diodes.com
April 2020
© Diodes Incorporated
PAM2310
2A LOW NOISE STEP-DOWN DC-DC CONVERTER
Description
The PAM2310 is a 2A step-down DC-DC converter. At heavy load,
the constant-frequency PWM control performs excellent stability and
transient response. No external compensation components are
required.
The PAM2310 supports a range of input voltages from 2.7V to 5.5V,
allowing the use of a single Li+/Li -polymer cell, multiple Alkaline/
NiMH cell, and other standard power sources. The output voltage is
adjustable from 0.6V to the input voltage. The PAM2310 employs
internal power switch and synchronous rectifier to minimize external
part count and realize high efficiency. During shutdown, the input is
disconnected from the output and the shutdown current is less than
1µA. Other key features include over-temperature and short circuit
protection, and under-voltage lockout to prevent deep battery
discharge.
The PAM2310 delivers 2A maximum output current while consuming
only 42µA of no-load quiescent current. Ultra-low RDS(ON) integrated
MOSFETs and 100% duty cycle operation make the PAM2310 an
ideal choice for high output voltage, high current applications which
require a low dropout threshold.
The PAM2310 is available in SO-8 package.
Features
Output Current: Up to 2A
Output Voltage: 0.6V to VIN
Input Voltage: 2.7V to 5.5V
Peak Efficiency up to 95%
42µA (typ.) No Load Quiescent Current
Shutdown Current: <1µA
100% Duty Cycle Operation
1.5MHz Switching Frequency
Internal Soft Start
No External Compensation Required
Current Limit Protection
Thermal Shutdown
SO-8 Package
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Pin Assignments
Applications
5V or 3.3V Point of Load Conversion
Telecom/Networking Equipment
Set Top Boxes
Storage Equipment
Video Cards
DDR Power Supply
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Top View
SO-8


Similar Part No. - PAM2310BECADJR

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM2310BECADJR PAM-PAM2310BECADJR Datasheet
312Kb / 11P
2A Low Noise Step-Down DC-DC Converter
logo
Diodes Incorporated
PAM2310BECADJR DIODES-PAM2310BECADJR Datasheet
561Kb / 11P
2A LOW NOISE STEP-DOWN DC-DC CONVERTER
Rev 2
More results

Similar Description - PAM2310BECADJR

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT7301 AAT-AAT7301 Datasheet
554Kb / 11P
2A 15V STEP-DOWN DC-DC CONVERTER
October 2007 Version 1.00
logo
Holtek Semiconductor In...
HT7465 HOLTEK-HT7465 Datasheet
1Mb / 11P
2A Step-Down DC to DC Converter
September 02, 2011
logo
ACE Technology Co., LTD...
ACE722 ACE-ACE722 Datasheet
535Kb / 8P
2A Step-down DC-DC Converter
VER 1.6
logo
Active-Semi, Inc
ACT2102 ACTIVE-SEMI-ACT2102 Datasheet
707Kb / 16P
18V/2A Step-Down DC/DC Converter
Rev 2, 23-May-12
ACT4060B ACTIVE-SEMI-ACT4060B Datasheet
705Kb / 16P
18V/2A Step-Down DC/DC Converter
Rev 1, 23-May-12
logo
Power Analog Micoelectr...
PAM2310 PAM-PAM2310 Datasheet
312Kb / 11P
2A Low Noise Step-Down DC-DC Converter
logo
ELM Electronics
ELM605DA ELM-ELM605DA Datasheet
827Kb / 13P
2A synchronous step-down DC/DC converter
logo
Diodes Incorporated
AP3419 DIODES-AP3419 Datasheet
471Kb / 9P
2A STEP-DOWN DC-DC BUCK CONVERTER
Rev 3
PAM2310 DIODES-PAM2310 Datasheet
561Kb / 11P
2A LOW NOISE STEP-DOWN DC-DC CONVERTER
Rev 2
logo
ARTSCHIP ELECTRONICS CO...
MPS1410 ARTSCHIP-MPS1410 Datasheet
350Kb / 7P
2A Step Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com