Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL7824DT Datasheet(PDF) 2 Page - Continental Device India Limited

Part # CL7824DT
Description  3-TERMINAL POSITIVE VOLTAGE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CL7824DT Datasheet(HTML) 2 Page - Continental Device India Limited

  CL7824DT Datasheet HTML 1Page - Continental Device India Limited CL7824DT Datasheet HTML 2Page - Continental Device India Limited CL7824DT Datasheet HTML 3Page - Continental Device India Limited CL7824DT Datasheet HTML 4Page - Continental Device India Limited CL7824DT Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3-TERMINAL POSITIVE VOLTAGE REGULATOR
CL7824DT
TO-252 (DPAK)
Pin: 1 Input
Plastic Package
2 Ground
3 Output
ELECTRICAL CHARACTERISTICS
(At Specified Virtual Junction Temperature, VI=33V, IO=500mA, (unless specified otherwise)
DESCRIPTION
SYMBOL
*TEST CONDITION
MIN
TYP
MAX
UNIT
Quiescent Current
IQ
25ºC
8.0
mA
Quiescent Current Change
∆I
QIN
VI=27V to 38V, 0ºC to
125ºC
1.0
mA
∆I
QL
IO=5mA to 1A, 0ºC to
125ºC
0.5
mA
Short Circuit Output Current
IOS
25ºC
150
mA
Peak Output Current
Iomax
25ºC
2.1
A
*Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as
possible. Thermal effects must be taken into account separately.
MARKING
CL
7824DT
XY
MX
XY= Date Code
CL7824DT Rev120606E
Continental Device India Limited
Data Sheet
Page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com