Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL7824DT Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CL7824DT
Description  3-TERMINAL POSITIVE VOLTAGE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CL7824DT Datasheet(HTML) 1 Page - Continental Device India Limited

  CL7824DT Datasheet HTML 1Page - Continental Device India Limited CL7824DT Datasheet HTML 2Page - Continental Device India Limited CL7824DT Datasheet HTML 3Page - Continental Device India Limited CL7824DT Datasheet HTML 4Page - Continental Device India Limited CL7824DT Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3-TERMINAL POSITIVE VOLTAGE REGULATOR
CL7824DT
TO-252 (DPAK)
Pin: 1 Input
Plastic Package
2 Ground
3 Output
Fixed Voltage Monolithic Integrated Circuit Voltage Regulators is Designed for a Wide Range of Applications
ABSOLUTE MAXIMUM RATINGS
SYMBOL
UNIT
VIN
V
Power Dissipation at Ta=25ºC
PD
W
Power Dissipation at TC=25ºC
PD
W
Tj
ºC
Tstg
ºC
TL
ºC
Recommended Operating Conditions
SYMBOL
MIN
TYP
MAX
UNIT
VI
27
38
V
IO
1.5
A
Tj
0
125
ºC
ELECTRICAL CHARACTERISTICS
(At Specified Virtual Junction Temperature, VI=33V, IO=500mA, (unless specified otherwise)
DESCRIPTION
SYMBOL
*TEST CONDITION
MIN
TYP
MAX
UNIT
Output Voltage
25ºC
23
25
V
IO=5mA to 1A, 0ºC to 125ºC
VI=27V to 38V, P <15W,
0ºC to 125ºC
VI=27V to 38V, 25ºC
480
mV
VI=30 to 36V, 25ºC
240
mV
Ripple Rejection
RR
VI=28V to 38V, f=120Hz,
0º to 125ºC
50
dB
IO=5mA to1.5A, 25ºC
480
mV
IO=250mA to 750mA,
25ºC
240
mV
Output Resistance
rO
f=1KHz , 0ºC to 125ºC
0.028
Ω
Temperature Coefficient of Output
Voltage
∆V
O/∆T
IO=5mA , 0ºC to 125ºC
- 1.5
mV/ºC
Output Noise Voltage
VNO
f=10Hz to 100KHz, 25ºC
170
µV
Dropout Voltage
VDIF (min)
IO=1A , 25ºC
2.0
V
*Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as
possible. Thermal effects must be taken into account separately.
**This specification applies only for dc power dissipation permitted by absolute maximum rating.
CL7824DT Rev120606E
V
Line Regulation
RBGIN
Load Regulation
RBGL
**VO
22.8
25.2
DESCRIPTION
Input Voltage
Output Current
Operating Junction Temperature
0 to 150
2.0
Storage Temperature Range
Lead Temperature 1.6mm (1/16 inch) from Case for 10
seconds
260
VALUE
40
DESCRIPTION
Operating Free Air, Case or Virtual Junction
Temperature Range
15
- 65 to +150
Input Voltage
Continental Device India Limited
Data Sheet
Page 1 of 5
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CL7824DT

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CL7805D2T CDIL-CL7805D2T Datasheet
271Kb / 3P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
CL7808DT CDIL-CL7808DT Datasheet
189Kb / 4P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results

Similar Description - CL7824DT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM78L12 ETC2-GM78L12 Datasheet
196Kb / 2P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML7800 MICRO-ELECTRONICS-ML7800 Datasheet
431Kb / 11P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S78L05 SECOS-S78L05 Datasheet
310Kb / 2P
3-Terminal Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
ST78L05 SEMTECH_ELEC-ST78L05 Datasheet
201Kb / 2P
3-Terminal positive voltage regulator
ST78L06 SEMTECH_ELEC-ST78L06 Datasheet
130Kb / 2P
3-Terminal positive voltage regulator
ST78L09 SEMTECH_ELEC-ST78L09 Datasheet
130Kb / 2P
3-Terminal positive voltage regulator
logo
Cystech Electonics Corp...
LM7812XJ3 CYSTEKEC-LM7812XJ3 Datasheet
112Kb / 3P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SJ78M09 SECOS-SJ78M09 Datasheet
85Kb / 2P
3-Terminal Positive Voltage Regulator
SJ78M15 SECOS-SJ78M15 Datasheet
84Kb / 2P
3-Terminal Positive Voltage Regulator
logo
Continental Device Indi...
LM7818 CDIL-LM7818 Datasheet
75Kb / 2P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com