Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNK3206P Datasheet(PDF) 16 Page - Power Integrations, Inc.

Part # LNK3206P
Description  Highly Energy Efficient Off-line Switcher IC with Integrated System Level Protection for Low Component-Count Power Supplies
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK3206P Datasheet(HTML) 16 Page - Power Integrations, Inc.

Back Button LNK3206P Datasheet HTML 12Page - Power Integrations, Inc. LNK3206P Datasheet HTML 13Page - Power Integrations, Inc. LNK3206P Datasheet HTML 14Page - Power Integrations, Inc. LNK3206P Datasheet HTML 15Page - Power Integrations, Inc. LNK3206P Datasheet HTML 16Page - Power Integrations, Inc. LNK3206P Datasheet HTML 17Page - Power Integrations, Inc. LNK3206P Datasheet HTML 18Page - Power Integrations, Inc. LNK3206P Datasheet HTML 19Page - Power Integrations, Inc. LNK3206P Datasheet HTML 20Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Rev. P 06/22
16
LinkSwitch-TN2
www.power.com
Figure 10. LinkSwitch-TN2 General Test Circuit.
Figure 11. LinkSwitch-TN2 Duty Cycle Measurement.
PI-7850-033016
50 V
50 V
S1
470 kΩ
S2
0.1 µF
470 Ω
5 W
Figure 12. LinkSwitch-TN2 Minimum On-Time Test Circuit.
Figure 13. LinkSwitch-TN2 Minimum On-Time Measurement.
VDR
VFALL
VRISE
TON_MIN = T2 - T1
0 V
PI-7898-031716
T2
T1
50 Ω
VDR
0.1 µF
PI-7899-031816
D
FB
BP/M
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com