Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNK3206P Datasheet(PDF) 17 Page - Power Integrations, Inc.

Part # LNK3206P
Description  Highly Energy Efficient Off-line Switcher IC with Integrated System Level Protection for Low Component-Count Power Supplies
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK3206P Datasheet(HTML) 17 Page - Power Integrations, Inc.

Back Button LNK3206P Datasheet HTML 13Page - Power Integrations, Inc. LNK3206P Datasheet HTML 14Page - Power Integrations, Inc. LNK3206P Datasheet HTML 15Page - Power Integrations, Inc. LNK3206P Datasheet HTML 16Page - Power Integrations, Inc. LNK3206P Datasheet HTML 17Page - Power Integrations, Inc. LNK3206P Datasheet HTML 18Page - Power Integrations, Inc. LNK3206P Datasheet HTML 19Page - Power Integrations, Inc. LNK3206P Datasheet HTML 20Page - Power Integrations, Inc. LNK3206P Datasheet HTML 21Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Rev. P 06/22
17
LinkSwitch-TN2
www.power.com
Typical Performance Characteristics
0.15
0.20
0.25
0.30
0
0
4
2
8
6
10 12 14 16 18 20
Drain Voltage VDS (V)
0.05
0.10
Scaling Factors:
LNK3202 1.00
LNK3204 2.05
LNK3205 4.10
LNK3206 6.25
LNK3207 6.25
LNK3208 10.5
LNK3209 17.0
25 °C
100 °C
1.1
1.0
0.9
-50 -25
0
25
50 75 100 125 150
Junction Temperature (
°C)
Figure 14. Breakdown vs. Temperature.
Figure 15. Maximum Allowable Drain Current vs. Drain Voltage.
Figure 16. Output Characteristics.
Figure 18. Current Limit vs. Temperature.
Figure 19. Current Limit vs. Temperature.
Figure 17. C
OSS vs. Drain Voltage.
Drain Voltage (V)
0 50 100 150 200 250 300 350 400 450
1
10
100
1000
LNK3202 1.00
LNK3204 2.05
LNK3205 4.10
LNK3206 6.25
LNK3207 6.25
LNK3208 10.5
LNK3209 17.0
Scaling Factors:
Drain Voltage VDS (V)
0.6
0.5
0.7
0.4
0.3
0.2
0.1
0
0 100 200 300 400 500 600 700 800
LNK3202 1.00
LNK3204 2.05
LNK3205 4.10
LNK3206 6.25
LNK3207 6.25
LNK3208 10.5
LNK3209 17.0
Scaling Factors:
1.0
1.2
0.8
0.6
0.4
0.2
0.0
-50
0
50
100
150
Junction Temperature (˚C)
LNK3202 250 mA/µs 170 mA
LNK3204 415 mA/µs 317 mA
LNK3205 500 mA/µs 448 mA
LNK3206 580 mA/µs 580 mA
LNK3207 610 mA/µs 1015 mA
LNK3208 1000 mA/µs 1285 mA
LNK3209 1000 mA/µs 1600 mA
Normalized ILIM = 1
Scaling Factors:
1.0
1.2
0.8
0.6
0.4
0.2
0.0
-50
0
50
100
150
Junction Temperature (˚C)
LNK3202 55 mA/µs 136 mA
LNK3204 65 mA/µs 257 mA
LNK3205 75 mA/µs 375 mA
LNK3206 95 mA/µs 482 mA
LNK3207 95 mA/µs 780 mA
LNK3208 165 mA/µs 1040 mA
LNK3209 165 mA/µs 1300 mA
Normalized ILIM = 1
Scaling Factors:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com