Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFS7627H Datasheet(PDF) 31 Page - Power Integrations, Inc.

Part # PFS7627H
Description  PFC Controller with Integrated 600 V MOSFET and Diode Option Optimized for High PF and Efficiency Across Load Range
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7627H Datasheet(HTML) 31 Page - Power Integrations, Inc.

Back Button PFS7627H Datasheet HTML 27Page - Power Integrations, Inc. PFS7627H Datasheet HTML 28Page - Power Integrations, Inc. PFS7627H Datasheet HTML 29Page - Power Integrations, Inc. PFS7627H Datasheet HTML 30Page - Power Integrations, Inc. PFS7627H Datasheet HTML 31Page - Power Integrations, Inc. PFS7627H Datasheet HTML 32Page - Power Integrations, Inc. PFS7627H Datasheet HTML 33Page - Power Integrations, Inc. PFS7627H Datasheet HTML 34Page - Power Integrations, Inc. PFS7627H Datasheet HTML 35Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
Rev. F 08/20
31
PFS7x23-7x29/7633-7636
www.power.com
Figure 23. t
OFF(SOA) vs. Temperature.
Figure 21. I
(OCP) vs. Temperature.
Figure 24. Normalized On-Time in IOCP vs. Temperature.
Figure 22. R
DSON vs. Temperature.
Figure 25. Typical Temperature Dependence of I
DSS at 90%
of BV
DSS.
Figure 26. Temperature Dependence of 3 A Qspeed
Reverse Current.
Temperature (˚C)
280
270
260
240
230
250
220
-40 -20 0
20
60
40
100
80
120
Temperature (˚C)
1.08
1.06
1.04
0.98
1
0.96
1.02
0.94
-40 -20 0
20
60
40
100
80
120
75
100
125
150
1
10
100
1000
Temperature (°C)
PFS7623/33
1
PFS7624/34
1.2
PFS7625/35
1.5
PFS7626/36
1.8
PFS7627
2.1
PFS7628
2.4
PFS7629
2.8
Scaling Factors:
Temperature (˚C)
2
1.4
1.6
1.8
1.2
0.6
0.4
0.2
1
0.8
0
-40 -20 0
20
60
40
100
80
120
Typical Performance Characteristics
Temperature (˚C)
1.12
1.08
1.06
1.10
1.04
0.98
0.96
0.94
0.92
1.02
1.00
0.90
-40 -20 0
20
60
40
100
80
120
Temperature (˚C)
1000
10
100
1
75
100
125
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com