Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFS7627H Datasheet(PDF) 37 Page - Power Integrations, Inc.

Part # PFS7627H
Description  PFC Controller with Integrated 600 V MOSFET and Diode Option Optimized for High PF and Efficiency Across Load Range
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7627H Datasheet(HTML) 37 Page - Power Integrations, Inc.

Back Button PFS7627H Datasheet HTML 30Page - Power Integrations, Inc. PFS7627H Datasheet HTML 31Page - Power Integrations, Inc. PFS7627H Datasheet HTML 32Page - Power Integrations, Inc. PFS7627H Datasheet HTML 33Page - Power Integrations, Inc. PFS7627H Datasheet HTML 34Page - Power Integrations, Inc. PFS7627H Datasheet HTML 35Page - Power Integrations, Inc. PFS7627H Datasheet HTML 36Page - Power Integrations, Inc. PFS7627H Datasheet HTML 37Page - Power Integrations, Inc. PFS7627H Datasheet HTML 38Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 37 / 38 page
background image
Rev. F 08/20
37
PFS7x23-7x29/7633-7636
www.power.com
Part Marking Information
• HiperPFS Product Family
• HiperPFS-4 Series Number
• Package Identifier
L
Plastic eSIP, L Bend
H
Plastic eSIP
C
InSOP-24B
PFS 7623 L
Part Ordering Information
Part Number
Option
Quantity
PFS7x23C-TL
Reel
2000
PFS7624C-TL
Reel
2000
PFS7626C-TL
Reel
2000
PFS7628C-TL
Reel
2000
PFS7x23H/L
Tube
30
PFS7624H/L
Tube
30
PFS7625H/L
Tube
30
PFS7626H/L
Tube
30
PFS7627H/L
Tube
30
PFS7628H/L
Tube
30
PFS7629H/L
Tube
30
PFS7633H
Tube
30
PFS7634H
Tube
30
PFS7635H
Tube
30
PFS7636H
Tube
30
PFS7723L/H
Tube
30
PFS7724L/H
Tube
30
PFS7725L/H
Tube
30
PFS7726H
Tube
30
PFS7727H
Tube
30
PFS7728H
Tube
30
PFS7729H
Tube
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com