Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD7212FN Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TPD7212FN
Description  Toshiba Intelligent Power Device Silicon Monolithic Power MOS Integrated Circuit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD7212FN Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TPD7212FN Datasheet HTML 5Page - Toshiba Semiconductor TPD7212FN Datasheet HTML 6Page - Toshiba Semiconductor TPD7212FN Datasheet HTML 7Page - Toshiba Semiconductor TPD7212FN Datasheet HTML 8Page - Toshiba Semiconductor TPD7212FN Datasheet HTML 9Page - Toshiba Semiconductor TPD7212FN Datasheet HTML 10Page - Toshiba Semiconductor TPD7212FN Datasheet HTML 11Page - Toshiba Semiconductor TPD7212FN Datasheet HTML 12Page - Toshiba Semiconductor TPD7212FN Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
TPD7212FN
2020-07-03
9
© 2020
Toshiba Electronic Devices & Storage Corporation
8. Absolute Maximum Ratings
Table 8.1 Absolute Maximum Ratings
(Ta = 25°C unless otherwise specified)
Characteristics
Symbol
Rating
Unit
Note
Supply voltage
DC
VDD(DC)
-0.3 to 25.0
V
-
pulse
VDD(Pulse)
-0.3 to 40.0
V
t≦300ms
PGND voltage
VPGND
-0.3 to 0.3
V
Standard in SGND
Output voltage
High side
VxU
-0.3 to
VDH+0.3
V
UU,VU,WU pin
Low side
VxB
-0.3 to
VDL+0.3
V
UB,VB,WB pin
Output current
Source current
IxU
-1.0
A
-
Sink current
IxB
+1.5
A
-
Input voltage
IN1 to IN6
VIN
-0.3 to 6.0
V
-
EN
VEN
-0.3 to 25.0
V
-
Diagnosis output voltage
VDIAG
-0.3 to 6.0
V
-
Diagnosis output current
IDIAG
5
mA
-
Power dissipation
PD
2.6
W
-
Operating temperature
Topr
-40 to 150
℃
-
Junction temperature
Tj
175
℃
-
Storage temperature
Tstg
-55 to 175
℃
-
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant
change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating
conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating
ranges.Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report and
estimated failure rate, etc).
8.1. Thermal Resistance
Table 8.2 Thermal resistance
Charateristics
Symbol
Rating
unit
Thermal resistance (junction-to-
ambient)
Rth (j–a)
56
°C / W
Note: Glass epoxy board
Material: FR-4(4 layer)
Board size: 76.2mmx114.3mmx1.6mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com