Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST25VF020B Datasheet(PDF) 7 Page - Microchip Technology

Part # SST25VF020B
Description  2-Mbit SPI Serial Flash
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF020B Datasheet(HTML) 7 Page - Microchip Technology

Back Button SST25VF020B Datasheet HTML 3Page - Microchip Technology SST25VF020B Datasheet HTML 4Page - Microchip Technology SST25VF020B Datasheet HTML 5Page - Microchip Technology SST25VF020B Datasheet HTML 6Page - Microchip Technology SST25VF020B Datasheet HTML 7Page - Microchip Technology SST25VF020B Datasheet HTML 8Page - Microchip Technology SST25VF020B Datasheet HTML 9Page - Microchip Technology SST25VF020B Datasheet HTML 10Page - Microchip Technology SST25VF020B Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
2012-2020 Microchip Technology Inc.
DS20005054D-page 7
SST25VF020B
4.4.1
BUSY
The BUSY bit determines whether there is an internal
erase or program operation in progress. A ‘1’ for the
BUSY bit indicates the device is busy with an operation
in progress. A ‘0’ indicates the device is ready for the
next valid operation.
4.4.2
WRITE ENABLE LATCH (WEL)
The Write Enable Latch bit indicates the status of the
internal memory Write Enable Latch. If the Write
Enable Latch bit is set to ‘1’, it indicates the device is
write enabled. If the bit is set to ‘0’ (Reset), it indicates
the device is not write enabled and does not accept any
memory write (program/erase) commands. The Write
Enable Latch bit is automatically reset under the follow-
ing conditions:
• Power-Up
• Write Disable (WRDI) instruction completion
• Byte Program instruction completion
• Auto Address Increment (AAI) programming is
completed or reached its highest unprotected
memory address
• Sector Erase instruction completion
• Block Erase instruction completion
• Chip Erase instruction completion
• Write STATUS Register instructions
4.4.3
AUTO ADDRESS INCREMENT (AAI)
The Auto Address Increment Programming Status bit
provides status on whether the device is in AAI pro-
gramming mode or Byte Program mode. The default at
power-up is Byte Program mode.
4.4.4
BLOCK PROTECTION (BP1, BP0)
The Block Protection (BP1, BP0) bits define the size of
the memory area, as defined in Table 4-4, to be soft-
ware protected against any memory write (program or
erase) operation. The Write STATUS Register (WRSR)
instruction is used to program the BP1 and BP0 bits as
long as WP# is high or the Block Protect Lock (BPL) bit
is ‘0’. Chip Erase can only be executed if Block Protec-
tion bits are all ‘0’. After power-up, BP1 and BP0 are set
to ‘1’.
4.4.5
BLOCK PROTECTION LOCK-DOWN
(BPL)
WP# pin driven low (VIL) enables the Block Protection
Lock Down (BPL) bit. When BPL is set to ‘1’, it prevents
any further alteration of the BPL, BP1 and BP0 bits of
the STATUS register and BSP and TSP of STATUS
register 1. When the WP# pin is driven high (VIH), the
BPL bit has no effect and its value is “don’t care”. After
power-up, the BPL bit is reset to ‘0’.
4.4.6
TOP SECTOR
PROTECTION/BOTTOM SECTOR
PROTECTION
The Top Sector Protection (TSP) and Bottom Sector
Protection (BSP) bits independently indicate whether
the highest and lowest sector locations are write locked
or write accessible. When TSP or BSP is set to ‘1’, the
respective sector is write locked; when set to ‘0,’ the
respective sector is write accessible. If TSP or BSP is
set to ‘1’ and if the top or bottom sector is within the
boundary of the target address range of the program or
erase instruction, the initiated instruction (Byte pro-
gram, AAI Word program, Sector Erase, Block Erase
and Chip Erase) will not be executed. Upon power-up,
the TSP and BSP bits are automatically reset to ‘0’.
TABLE 4-4:
SOFTWARE STATUS REGISTER BLOCK PROTECTION(1)
Protection Level
STATUS Register Bit(2)
Protected Memory Address
BP1
BP0
2 Mbit
0
0
0
None
1 (1/4 Memory Array)
0
1
030000H-03FFFFH
1 (1/2 Memory Array)
1
0
020000H-03FFFFH
1 (Full Memory Array)
1
1
000000H-03FFFFH
Note 1: x = “don’t care” (RESERVED) default is ‘0’
2: Default at power-up for BP1 and BP0 is ‘11’ (all blocks protected)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com