Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST26VF016BEUI Datasheet(PDF) 27 Page - Microchip Technology

Part # SST26VF016BEUI
Description  16 Mbit Serial Quad I/O (SQI) Flash Memory with EUI-48™ and EUI-64™ Identifier
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF016BEUI Datasheet(HTML) 27 Page - Microchip Technology

Back Button SST26VF016BEUI Datasheet HTML 23Page - Microchip Technology SST26VF016BEUI Datasheet HTML 24Page - Microchip Technology SST26VF016BEUI Datasheet HTML 25Page - Microchip Technology SST26VF016BEUI Datasheet HTML 26Page - Microchip Technology SST26VF016BEUI Datasheet HTML 27Page - Microchip Technology SST26VF016BEUI Datasheet HTML 28Page - Microchip Technology SST26VF016BEUI Datasheet HTML 29Page - Microchip Technology SST26VF016BEUI Datasheet HTML 30Page - Microchip Technology SST26VF016BEUI Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 78 page
background image
 2019 Microchip Technology Inc.
DS20006153A-page 27
SST26VF016BEUI
5.20
Page-Program
The Page-Program instruction programs up to 256
Bytes of data in the memory, and supports both SPI
and SQI protocols. The data for the selected page
address must be in the erased state (FFH) before initi-
ating the Page-Program operation. A Page-Program
applied to a protected memory area will be ignored.
Prior to the program operation, execute the WREN
instruction.
To execute a Page-Program operation, the host drives
CE# low then sends the Page Program command cycle
(02H), three address cycles followed by the data to be
programmed, then drives CE# high. The programmed
data must be between 1 to 256 Bytes and in whole Byte
increments; sending less than a full Byte will cause the
partial Byte to be ignored. Poll the BUSY bit in the Sta-
tus register, or wait TPP, for the completion of the inter-
nal, self-timed, Write operation. See Figures 5-25 and
5-26 for the Page-Program sequence.
When executing Page-Program, the memory range for
the SST26VF016BEUI is divided into 256 Byte page
boundaries. The device handles shifting of more than
256 Bytes of data by maintaining the last 256 Bytes of
data as the correct data to be programmed. If the target
address for the Page-Program instruction is not the
beginning of the page boundary (A[7:0] are not all
zero), and the number of bytes of data input exceeds or
overlaps the end of the address of the page boundary,
the excess data inputs wrap around and will be pro-
grammed at the start of that target page.
FIGURE 5-25:
PAGE-PROGRAM SEQUENCE (SQI)
FIGURE 5-26:
PAGE-PROGRAM SEQUENCE (SPI)
20005262 F10.1
MODE 3
0
SCK
SIO(3:0)
CE#
C1 C0
MODE 0
2
A5 A4
MSN LSN
4
A3 A2
6
A1 A0
8
H0 L0
10
H1 L1
12
H2 L2
HN LN
Data Byte 0 Data Byte 1 Data Byte 2
Data Byte 255
Note:
MSN = Most Significant Nibble, LSN = Least Significant Nibble
20005262 F60.1
CE#
SO
SI
SCK
ADD.
01 2 3 4 5 6 7 8
ADD.
ADD.
Data Byte 0
02
HIGH IMPEDANCE
15 16
23 24
31 32
39
MODE 0
MODE 3
MSB
MSB
MSB
LSB
CE#(cont’)
SO(cont’)
SI(cont’)
SCK(cont’)
40 41 42 43 44 45 46
47 48
Data Byte 1
HIGH IMPEDANCE
MSB
MSB
MSB
LSB
50 51 52 53 54 55
49
Data Byte 2
Data Byte 255
LSB
LSB
LSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com