Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST26VF016BEUI Datasheet(PDF) 50 Page - Microchip Technology

Part # SST26VF016BEUI
Description  16 Mbit Serial Quad I/O (SQI) Flash Memory with EUI-48™ and EUI-64™ Identifier
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF016BEUI Datasheet(HTML) 50 Page - Microchip Technology

Back Button SST26VF016BEUI Datasheet HTML 46Page - Microchip Technology SST26VF016BEUI Datasheet HTML 47Page - Microchip Technology SST26VF016BEUI Datasheet HTML 48Page - Microchip Technology SST26VF016BEUI Datasheet HTML 49Page - Microchip Technology SST26VF016BEUI Datasheet HTML 50Page - Microchip Technology SST26VF016BEUI Datasheet HTML 51Page - Microchip Technology SST26VF016BEUI Datasheet HTML 52Page - Microchip Technology SST26VF016BEUI Datasheet HTML 53Page - Microchip Technology SST26VF016BEUI Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 78 page
background image
 2019 Microchip Technology Inc.
DS20006153A-page 50
SST26VF016BEUI
Number of Terminals
Overall Height
Terminal Width
Overall Width
Terminal Length
Exposed Pad Width
Lead Thickness
Pitch
Standoff
Units
Dimension Limits
A1
A
b
E2
c
e
L
E
N
1.27 BSC
0.20
0.41
0.35
1.43
0.00
0.41
0.64
2.41
1.55
0.05
6.02 BSC
MILLIMETERS
MIN
NOM
8
0.89
0.49
1.68
0.10
MAX
L1
1.04 REF
Terminal-to-Exposed-Pad
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Overall Length
Exposed Pad Length
D
D1
4.89 BSC
3.10
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
1.
2.
3.
Pin 1 visual index feature may vary, but must be located within the hatched area.
Package is saw singulated
Dimensioning and tolerancing per ASME Y14.5M
C
L
(L1)
Molded Package Thickness
A2
1.25
-
-
Foot Angle
Terminal Length
Lead Bend Radius
R1
R2
-
0.07
0°
5°
--
8°
-
5°
15°
Mold Draft Angle
Mold Draft Angle
-
5°
15°
-
0.07
0.25
0.19
Molded Package Width
E1
3.90 BSC
-
-
--
Microchip Technology Drawing C04-1136 Rev A Sheet 2 of 2
8-Lead Small Outline Integrated Circuit Package (EQA) - 3.90 mm (1.50 In) Body [SOIC]
With 3.10x2.41 mm Exposed Pad
C
SEATING
PLANE
DETAIL A
R2
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com