Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

031AS Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 031AS
Description  Aluminum Electrolytic Capacitors Axial Standard
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

031AS Datasheet(HTML) 5 Page - Vishay Siliconix

  031AS Datasheet HTML 1Page - Vishay Siliconix 031AS Datasheet HTML 2Page - Vishay Siliconix 031AS Datasheet HTML 3Page - Vishay Siliconix 031AS Datasheet HTML 4Page - Vishay Siliconix 031AS Datasheet HTML 5Page - Vishay Siliconix 031AS Datasheet HTML 6Page - Vishay Siliconix 031AS Datasheet HTML 7Page - Vishay Siliconix 031AS Datasheet HTML 8Page - Vishay Siliconix 031AS Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
030/031 AS
www.vishay.com
Vishay BCcomponents
Revision: 16-Sep-16
5
Document Number: 28327
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CAPACITANCE (C)
Fig. 4 - Typical multiplier of capacitance
as a function of ambient temperature
Fig. 5 - Typical multiplier of capacitance
as a function of frequency
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage
Us  1.15 x UR
Reverse voltage
Urev  1 V
Current
Leakage current
After 1 min at UR:
Case Ø D x L = 4.5 mm x 10 mm
IL1  0.05 CR x UR or 5 μA, whichever is greater
Case Ø D x L = 6 mm x 10 mm to 10 mm x 25 mm
IL1 for CV  1000:  0.01 CR x UR or 1 μA, whichever is greater
IL1 for CV > 1000:  0.006 CR x UR + 4 μA
UR = 100 V
IL1 = 0.02 CR x UR + 4 μA
After 5 min:
UR = 6.3 V to 63 V
IL5  0.002 CR x UR + 5 μA
UR = 100 V
IL5  0.006 CR x UR + 4 μA
Inductance
Equivalent series
inductance (ESL)
Case Ø D x L mm:
4.5 x 10
typ. 10 nH
6 x 10
typ. 22 nH
8 x 11
typ. 85 nH
6.5 x 18
typ. 25 nH
8 x 18
typ. 40 nH
10 x 18
typ. 61 nH
10 x 25
typ. 38 nH
Resistance
Equivalent series
resistance (ESR)
Calculated from tan
max. and CR (see table 2)
ESR = tan
/2fC
R
T
amb (°C)
C
0 = capacitance at 20 °C, 100 Hz
7
6
5
4
3
2
1
1.2
1.1
1.0
0.9
0.8
0.7
0.6
- 60
- 40
- 20
0
20
40
60
80
C
C
0
1
2
Curve 1: 6.3 V
Curve 2: 10 V
Curve 3: 16 V
Curve 4: 25 V
Curve 5: 40 V
Curve 6: 63 V
Curve 7: 100 V
1.05
1.00
0.95
0.90
0.85
0.75
10
10
2
10
3
10
4
C
C
0
T
amb (°C)
7
6
5
4
3
2
1
1
7
C
0 = capacitance at 20 °C, 100 Hz
Curve 1: 6.3 V
Curve 2: 10 V
Curve 3: 16 V
Curve 4: 25 V
Curve 5: 40 V
Curve 6: 63 V
Curve 7: 100 V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com