Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

031AS Datasheet(PDF) 8 Page - Vishay Siliconix

Part # 031AS
Description  Aluminum Electrolytic Capacitors Axial Standard
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

031AS Datasheet(HTML) 8 Page - Vishay Siliconix

  031AS Datasheet HTML 1Page - Vishay Siliconix 031AS Datasheet HTML 2Page - Vishay Siliconix 031AS Datasheet HTML 3Page - Vishay Siliconix 031AS Datasheet HTML 4Page - Vishay Siliconix 031AS Datasheet HTML 5Page - Vishay Siliconix 031AS Datasheet HTML 6Page - Vishay Siliconix 031AS Datasheet HTML 7Page - Vishay Siliconix 031AS Datasheet HTML 8Page - Vishay Siliconix 031AS Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
030/031 AS
www.vishay.com
Vishay BCcomponents
Revision: 16-Sep-16
8
Document Number: 28327
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Table 6
Statements about product lifetime are based on calculations and internal testing. They should only be interpreted as estimations. Also due to external factors, the
lifetime in the field application may deviate from the calculated lifetime. In general, nothing stated herein shall be construed as a guarantee of durability.
TEST PROCEDURES AND REQUIREMENTS
TEST
PROCEDURE
(quick reference)
REQUIREMENTS
NAME OF TEST
REFERENCE
Case Ø D x L = 4.5 mm x 10 mm to 10 mm x 25 mm
Endurance
IEC 384-4 /
EN130300
subclause 4.13
Tamb = 85 °C; UR applied;
2000 h
UR  6.3 V; C/C: +15 % / -30 %
UR > 6.3 V; C/C: ± 15 %
tan
  1.3 x spec. limit
Z
 2 x spec. limit
IL  spec. limit
Useful life
CECC 30301
subclause 1.8.1
Tamb = 85 °C; UR and IR applied;
3000 h
UR  6.3 V; C/C: +45 % / -50 %
UR > 6.3 V; C/C: ± 45 %
tan
  3 x spec. limit
Z
 3 x spec. limit
IL  spec. limit
no short or open circuit
total failure percentage:
 1 %
Shelf life
(storage at
high temperature)
IEC 384-4 /
EN130300
subclause 4.17
Tamb = 85 °C; no voltage applied;
500 h
After test: UR to be applied for 30 min,
24 h to 48 h before measurement
C/C, tan , Z: 
for requirements
see “Endurance test” above
IL  2 x spec. limit



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com