Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1891069 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1891069
Description  PCB terminal block - FK-MPT 0,5/ 2-3,5
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1891069 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1891069 Datasheet HTML 1Page - PHOENIX CONTACT 1891069 Datasheet HTML 2Page - PHOENIX CONTACT 1891069 Datasheet HTML 3Page - PHOENIX CONTACT 1891069 Datasheet HTML 4Page - PHOENIX CONTACT 1891069 Datasheet HTML 5Page - PHOENIX CONTACT 1891069 Datasheet HTML 6Page - PHOENIX CONTACT 1891069 Datasheet HTML 7Page - PHOENIX CONTACT 1891069 Datasheet HTML 8Page - PHOENIX CONTACT 1891069 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Metal surface soldering area (top layer)
Tin (5 - 7 µm Sn)
Metal surface soldering area (middle layer)
Copper (2 - 3 µm Cu)
Material data - housing
Color (Housing)
green (6021)
Insulating material
PBT
Insulating material group
IIIa
CTI according to IEC 60112
225
Flammability rating according to UL 94
V0
Material data – actuating element
Color ()
()
Insulating material
POM
Insulating material group
I
CTI according to IEC 60112
600
Flammability rating according to UL 94
HB
Dimensions
Dimensional drawing
Pitch
3.5 mm
Width [w]
7.5 mm
Height [h]
13 mm
Length [l]
7 mm
Installed height
9.5 mm
Solder pin length [P]
3.5 mm
Mechanical tests
Test for conductor damage and slackening
Specification
IEC 60999-1:1990-05
Result
Test passed
Pull-out test
Specification
IEC 60999-1:1990-05
0.14 mm² / solid / > 10 N
Conductor cross section/conductor type/tractive force
setpoint/actual value
0.5 mm² / solid / > 30 N
Electrical tests
Temperature-rise test
Specification
IEC 60998-1:1990-04
Requirement temperature-rise test
Increase in temperature ≤ 45 K
PCB terminal block - FK-MPT 0,5/ 2-3,5
1891069
https://www.phoenixcontact.com/us/products/1891069
Jan 10, 2023, 5:03 AM
Page 3 (11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com