Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1891069 Datasheet(PDF) 9 Page - PHOENIX CONTACT

Part # 1891069
Description  PCB terminal block - FK-MPT 0,5/ 2-3,5
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1891069 Datasheet(HTML) 9 Page - PHOENIX CONTACT

Back Button 1891069 Datasheet HTML 3Page - PHOENIX CONTACT 1891069 Datasheet HTML 4Page - PHOENIX CONTACT 1891069 Datasheet HTML 5Page - PHOENIX CONTACT 1891069 Datasheet HTML 6Page - PHOENIX CONTACT 1891069 Datasheet HTML 7Page - PHOENIX CONTACT 1891069 Datasheet HTML 8Page - PHOENIX CONTACT 1891069 Datasheet HTML 9Page - PHOENIX CONTACT 1891069 Datasheet HTML 10Page - PHOENIX CONTACT 1891069 Datasheet HTML 11Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Accessories
Screwdriver
Screwdriver - SZF 0-0,4X2,5 - 1204504
https://www.phoenixcontact.com/us/products/1204504
Actuation tool, for ST terminal blocks, also suitable for use as a bladed
screwdriver, size: 0.4 x 2.5 x 75 mm, 2-component grip, with non-slip grip
PCB header
PCB header - FK-MPT 0,5/ 2-ICA-3,5 - 1930328
https://www.phoenixcontact.com/us/products/1930328
PCB headers, nominal cross section: 0.5 mm2, color: black, nominal current: 3 A,
rated voltage (III/2): 250 V, contact surface: Tin, type of contact: Female
connector, number of potentials: 2, number of rows: 1, number of positions: 2,
number of connections: 2, product range: FK-MPT 0,5/..-ICA, pitch: 3.5 mm,
mounting: THR soldering, pin layout: Linear pinning, solder pin [P]: 3.4 mm,
number of solder pins per potential: 1, plug-in system: COMBICON FK-MPT - IC,
Pin connector pattern alignment: Standard, locking: without, mounting: without,
type of packaging: packed in cardboard, The touch-protected basic strip, serves
to accommodate the FK-MPT 0,5 PCB terminal block.
PCB terminal block - FK-MPT 0,5/ 2-3,5
1891069
https://www.phoenixcontact.com/us/products/1891069
Jan 10, 2023, 5:03 AM
Page 9 (11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com