Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLPS Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # MLPS
Description  Type MLPS/MLPSR 105 °C FlatpackTM, Ultra Long Life, Aluminum Electrolytic
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

MLPS Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  MLPS Datasheet HTML 1Page - Cornell Dubilier Electronics MLPS Datasheet HTML 2Page - Cornell Dubilier Electronics MLPS Datasheet HTML 3Page - Cornell Dubilier Electronics MLPS Datasheet HTML 4Page - Cornell Dubilier Electronics MLPS Datasheet HTML 5Page - Cornell Dubilier Electronics MLPS Datasheet HTML 6Page - Cornell Dubilier Electronics MLPS Datasheet HTML 7Page - Cornell Dubilier Electronics MLPS Datasheet HTML 8Page - Cornell Dubilier Electronics MLPS Datasheet HTML 9Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Type MLPS/MLPSR 105 °C FlatpackTM, Ultra Long Life, Aluminum Electrolytic
Very Low Profile
Low Temperature Characteristics
(Z–55⁰C ∕ Z+25⁰C @120Hz)
≤ 50 Vdc, Z < 10X, Capacitance loss < 30%
51 - 300 Vdc, Z < 3.6X, Capacitance loss < 30%
301 - 450Vdc, Z < 6X, Capacitance loss < 40%
DC Life Test
10000 Hours 105°C At Max Rated VDC
D Capacitance +/- 15%
ESR <2X of catalog limit
DCL ≤ 0.004 CV μA
Endurance Life Test
10000 Hours 105°C At Rated Ripple Load
∆ Capacitance ±15%
ESR < 2X Catalog Limit
DCL ≤ 0.004 CV μA
Shelf Life Test
500 Hours 105°C ~ 5 years @ <=40 ºC
Capacitance Inside Catalog Tolerance
ESR < Catalog Limit
DCL ≤ 0.004 CV μA
Vibration
Amplitude
The specimens shall be subjected to a simple harmonic motion with the
double amplitude or acceleration max levels noted below, whichever is
less.
Acceleration Level
10 g (peak) - Non HV part numbers, 20 g (peak) - for HV part numbers, HV
may not be available on all sizes
Displacement Level
0.06-inch double amplitude (maximum total excursion)
Frequency Range
The vibration frequency shall be varied logarithmically between the
approximate limits of 10 to 2,000 Hz.
Sweep Time & Duration
The entire frequency range of 10 to 2,000 Hz and return to 10 Hz shall be
traversed in 20 minutes. This cycle shall be performed 12 times in each
of three mutually perpendicular directions (total of 36 times), so that the
motion shall be applied for a total period of approximately 12 hours.
Mounting
Vibration capability is dependent upon mounting restraint. The optional
mounting pins, alone, are not capable of sustaining the high vibration
levels. Additional mounting restraint may be required.
High Reliability Test/Burn-in
Established Reliability capacitors shall be subjected to a minimum of 100
percent of the dc rated voltage at 105 ºC for 48 hours minimum but not to
exceed 96 hours. During this test, capacitors shall be adequately protected
against temporary voltage surges of 10 percent or more of the test
voltage. After burn-in, the capacitors shall be returned to room ambient
conditions and the dc leakage, capacitance, and ESR shall be measured
with respect to specified limits
Heat Sinked Ripple Current Application
Thermal resistance T
CHS Core to
Heatsink (°C/W) by Case Length “L”
Normalized Max Arms Frequency & Temperature Multipliers
(Heatsinked)
Rated VDC /
Frequency Hz
50
60
120
360
1000 20000
0-50
0.95
1.13
2.27
6.00
6.00
6.00
51-100
1.43
1.72
3.43
9.03
9.03
9.03
101-200
2.03
2.44
4.88
14.31
14.31
14.31
201-300
2.83
3.40
6.79
15.89
16.34
16.34
301-450
4.08
4.89
9.79
15.06
19.41
21.48
Code
EK
EA
EH
EB
Number of Sides Heatsinked Code
Insulation
1.5
2
2.5
3
One large Side Heatsinked
E_
Bare can
3.78 2.87 2.32
1.95
Polyester
4.39 3.33 2.69
2.26
Two Large Sides Heatsinked
Bare can
2.81 2.11 1.69
1.41
Polyester
3.11 2.34 1.87
1.56



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com