Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLPS Datasheet(PDF) 9 Page - Cornell Dubilier Electronics

Part # MLPS
Description  Type MLPS/MLPSR 105 °C FlatpackTM, Ultra Long Life, Aluminum Electrolytic
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

MLPS Datasheet(HTML) 9 Page - Cornell Dubilier Electronics

Back Button MLPS Datasheet HTML 2Page - Cornell Dubilier Electronics MLPS Datasheet HTML 3Page - Cornell Dubilier Electronics MLPS Datasheet HTML 4Page - Cornell Dubilier Electronics MLPS Datasheet HTML 5Page - Cornell Dubilier Electronics MLPS Datasheet HTML 6Page - Cornell Dubilier Electronics MLPS Datasheet HTML 7Page - Cornell Dubilier Electronics MLPS Datasheet HTML 8Page - Cornell Dubilier Electronics MLPS Datasheet HTML 9Page - Cornell Dubilier Electronics MLPS Datasheet HTML 10Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Type MLPS/MLPSR 105 °C FlatpackTM, Ultra Long Life, Aluminum Electrolytic
Very Low Profile
-100
-50
0
50
100
150
500 1000 2000 3000 4000 5000 6000 7000 8000 9000 10000
Life Test Hours
Example DCL Change During Life Test @ 105°C
MLPS103M050EBIC
MLPS222M100EB1C
MLPS561M300EB1C
MLPGS301M450EB1
DCL + Limit
-20
-15
-10
-5
0
5
10
15
20
500 1000 2000 3000 4000 5000 6000 7000 8000 9000 10000
Life Test Hours
Example Capacitance Change During Life Test @ 105°C
MLPS103M050EBIC
MLPS222M100EB1C
MLPS561M300EB1C
MLPGS301M450EB1
Catalog - Limit
Catalog + Limit
-20
0
20
40
60
80
100
120
500 1000 2000 3000 4000 5000 6000 7000 8000 9000 10000
Life Test Hours
Example ESR Change During Life Test @ 105°C
MLPS103M050EBIC
MLPS222M100EB1C
MLPS561M300EB1C
MLPGS301M450EB1
ESR + Limit



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com