Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT83SL216 Datasheet(PDF) 2 Page - Exar Corporation

Part # XRT83SL216
Description  16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL216 Datasheet(HTML) 2 Page - Exar Corporation

  XRT83SL216 Datasheet HTML 1Page - Exar Corporation XRT83SL216 Datasheet HTML 2Page - Exar Corporation XRT83SL216 Datasheet HTML 3Page - Exar Corporation XRT83SL216 Datasheet HTML 4Page - Exar Corporation XRT83SL216 Datasheet HTML 5Page - Exar Corporation XRT83SL216 Datasheet HTML 6Page - Exar Corporation XRT83SL216 Datasheet HTML 7Page - Exar Corporation XRT83SL216 Datasheet HTML 8Page - Exar Corporation XRT83SL216 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
XRT83SL216
PRELIMINARY
xr
16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
REV. P1.0.3
2
FEATURES
• Fully integrated 16-Channel short haul transceivers for E1 (2.048MHz) applications
• Tri-State on a per channel basis for the transmit selection
• Crystal-Less digital jitter attenuators (JA) with 32-Bit or 64-Bit FIFO for the receive or transmit paths
• Transmit outputs and receive inputs stay in the High Impedance mode upon power failure
• Support for automatic protection switching
• RLOS/AIS according to ITU-T G.775 or ETSI-300-233
• On-Chip HDB3 encoder/decoder for each channel
• On-Chip digital clock recovery circuit for high input jitter tolerance
• On-Chip per channel driver failure monitoring circuit
• On-Chip transmit pulse shaper for CEPT 75Ω and 120Ω line terminations
• High receiver interference immunity
• Transmit return loss meets or exceeds ETS1 300-166
• Meets or exceeds ITU G.703, G,775, G.736 and G.823
• Line code error and bipolar violation detection
• Transmit all ones (TAOS) for the Transmit and Receive Outputs
• Supports local analog, remote, and digital loopback modes
• Supports gapped clocks for mapper/multiplexer applications
• Low Power dissipation
• Single 3.3V supply operation (3V to 5V I/O tolerant)
• 289-Pin STBGA package
• -40°C to +85°C Temperature Range
PRODUCT ORDERING INFORMATION
PRODUCT NUMBER
PACKAGE TYPE
OPERATING TEMPERATURE RANGE
XRT83SL216IB
289 Ball STBGA
-40°C to +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com