Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT7C138 Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # UT7C138
Description  4Kx8/9 Radiation-Hardened Dual-Port Static RAM with Busy Flag
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT7C138 Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  UT7C138 Datasheet HTML 1Page - Aeroflex Circuit Technology UT7C138 Datasheet HTML 2Page - Aeroflex Circuit Technology UT7C138 Datasheet HTML 3Page - Aeroflex Circuit Technology UT7C138 Datasheet HTML 4Page - Aeroflex Circuit Technology UT7C138 Datasheet HTML 5Page - Aeroflex Circuit Technology UT7C138 Datasheet HTML 6Page - Aeroflex Circuit Technology UT7C138 Datasheet HTML 7Page - Aeroflex Circuit Technology UT7C138 Datasheet HTML 8Page - Aeroflex Circuit Technology UT7C138 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5
ABSOLUTE MAXIMUM RATINGS1
(Referenced to VSS)
Notes:
1. Stresses outside the listed absolute maximum ratings may cause permanent damage to the device. This is a stress rating only, and functional operation of the device
at these or any other conditions beyond limits indicated in the operational sections of this specification is not recommended. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2. Maximum junction temperature may be increased to +175
°C during burn-in and steady-static life.
3. Test per MIL-STD-883, Method 1012, infinite heat sink.
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
VDD
DC supply voltage
-0.5 to 7.0V
VI/O
Voltage on any pin
-0.5 to (VDD + 0.3)V
T
STG
Storage temperature
-65 to +150
°C
PD
Maximum power dissipation
2.0W
TJ
Maximum junction temperature2
+150
°C
Θ
JC
Thermal resistance, junction-to-case3
3.3
°C/W
I
I
DC input current
±10 mA
SYMBOL
PARAMETER
LIMITS
VDD
Positive supply voltage
4.5 to 5.5V
TC
Case temperature range
-55 to +125
°C
V
IN
DC input voltage
0V to V
DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com