Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6590A Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6590A
Description  FULLY INTEGRATED POWER SUPPLY
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6590A Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6590A Datasheet HTML 4Page - STMicroelectronics L6590A Datasheet HTML 5Page - STMicroelectronics L6590A Datasheet HTML 6Page - STMicroelectronics L6590A Datasheet HTML 7Page - STMicroelectronics L6590A Datasheet HTML 8Page - STMicroelectronics L6590A Datasheet HTML 9Page - STMicroelectronics L6590A Datasheet HTML 10Page - STMicroelectronics L6590A Datasheet HTML 11Page - STMicroelectronics L6590A Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
L6590A
8/19
Figure 13. COMP pin Characteristic
Figure 14. COMP pin Dynamic Resistance vs.
Temperature
Figure 15. Breakdown Voltage vs. Temperature
Figure 16. Drain Leakage vs. Drain Voltage
Figure 17. Rds(ON) vs. Temperature
Figure 18. Rds(ON) vs. Idrain
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
1
2
3
4
5
6
ICOMP [mA]
VCOMP [V]
Tj = 25 °C
-50
0
50
100
150
8
8.5
9
9.5
10
10.5
Tj [°C]
RCOMP [kOhm]
-50
0
50
100
150
0.92
0.94
0.96
0.98
1
1.02
1.04
1.06
1.08
Tj [°C]
BVDSS / (BVDSS @ Tj = 25°C)
Idrain = 200 µA
100
200
300
400
500
600
700
10
20
30
40
50
Vdrain [V]
Idrain [µA]
Tj = -25 °C
Tj = 25 °C
Tj = 125 °C
-50
0
50
100
150
0.6
0.8
1
1.2
1.4
1.6
1.8
Tj [°C]
Rds(ON) / (Rds(ON) @ Tj=25°C)
Idrain = 120 mA
0
100
200
300
400
500
600
0.9
1
1.1
1.2
1.3
Idrain [mA]
Rds(ON) / (Rds(ON) @ Idrain=120 mA)
Tj = 25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com