Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6590A Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6590A
Description  FULLY INTEGRATED POWER SUPPLY
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6590A Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6590A Datasheet HTML 11Page - STMicroelectronics L6590A Datasheet HTML 12Page - STMicroelectronics L6590A Datasheet HTML 13Page - STMicroelectronics L6590A Datasheet HTML 14Page - STMicroelectronics L6590A Datasheet HTML 15Page - STMicroelectronics L6590A Datasheet HTML 16Page - STMicroelectronics L6590A Datasheet HTML 17Page - STMicroelectronics L6590A Datasheet HTML 18Page - STMicroelectronics L6590A Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
17/19
L6590A
APPLICATION IDEAS
Figure 32. 15W Auxiliary SMPS for PC
Figure 33. 10W AC-DC Adapter
REFERENCES
[1] “Getting Familiar with the L6590 Family, High-voltage Fully Integrated Power Supply” (AN1261)
[2] “Offline Flyback Converters Design Methodology with the L6590 Family” (AN1262)
T1 specification
Core E20/10/6, ferrite 3C85 or N67 or equivalent
≈ 0.9 mm gap for a primary inductance of 2 mH
Lleakage <50 µH
Primary : 200 T, 2 series windings 100T each, AWG33
(∅ 0.22 mm)
Sec : 9 T, 2 x AWG23 (
∅ 0.64 mm)
Aux : 21 T, AWG33
3
1
54
6, 7, 8
5Vdc / 3 A
C2
22 µF
25 V
C8
100 µF
10V
D1
BZW06-154
D3
1N4148
D4 STPS10L25D
OP1
PC817
L6590A
IC1
3
41
2
3
C5, C6, C7
470 µF
10 V
R1 10
Ω
C3
47 nF
L1
4.7 µH
T1
D2
STTA106
C9
470 nF
2
1
IC2
TL431
Vin = 200 to 375 Vdc
R2
1.8 M
Ω
R3
20 k
Ω
C1
10 nF
C4
2.2 nF
Y
R4
560
Ω
R5
2.43 k
Ω
R6
2.43 k
Ω
R7
240
Ω
T1 specification
Core E20/10/6, ferrite 3C85 or N67 or equivalent
≈0.5 mm gap for a primary inductance of 1.6 mH
Lleakage <30 µH
Primary : 130 T, 2 series windings 65T each, AWG33
(∅ 0.22 mm)
Sec : 14 T, AWG26 (
∅ 0.4 mm)
Aux : 14 T, AWG33
3
1
54
6, 7, 8
C2
22 µF
25 V
D1
BZW06-154
D3
1N4148
OP1
PC817
L6590A
IC1
3
4
1
2
R1 10
Ω
C4
47 nF
T1
D2
STTA106
D5
BZX79C10
R2
1.8 M
Ω
R3
39 k
Ω
C3
10 nF
C5
2.2 nF
Y
R4
100
Ω
12 Vdc / 0.8 A
C6, C7
330 µF
16 V
D4 STPS3L60S
C8
100 µF
16 V
L1
4.7 µH
R5
1k
Ω
BD1
DF06M
Vin
88 to 264 Vac
F1
2A/250V
L
22 mH
CxA
100 nF
CxB
100 nF
C1
22 µF
400 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com