Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6599D Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6599D
Description  High-voltage resonant controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6599D Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6599D Datasheet HTML 5Page - STMicroelectronics L6599D Datasheet HTML 6Page - STMicroelectronics L6599D Datasheet HTML 7Page - STMicroelectronics L6599D Datasheet HTML 8Page - STMicroelectronics L6599D Datasheet HTML 9Page - STMicroelectronics L6599D Datasheet HTML 10Page - STMicroelectronics L6599D Datasheet HTML 11Page - STMicroelectronics L6599D Datasheet HTML 12Page - STMicroelectronics L6599D Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
L6599
Electrical characteristics
9/36
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Line sensing
Vth
Threshold voltage
Voltage rising or falling
(1)
1.2
1.25
1.3
V
IHyst
Current hysteresis
VCC > 5V, VLINE = 0.3V
12
15
18
µA
Vclamp
Clamp level
ILINE = 1mA
6
8
V
DIS function
IDIS
Input bias current
VDIS = 0 to Vth
-1
µA
Vth
Disable threshold
Voltage rising (1)
1.77
1.85
1.93
V
Oscillator
D
Output duty cycle
Both HVG and LVG
48
50
52
%
fosc
Oscillation frequency
58.2
60
61.8
kHz
RRFmin= 2.7 kΩ
240
250
260
Maximum
recommended
500
kHz
TD
Dead-time
Between HVG and LVG
0.2
0.3
0.4
µs
VCFp
Peak value
3.9
V
VCFv
Valley value
0.9
V
VREF
Voltage reference at
pin 4
(1)
1.92
2
2.08
V
KM
Current mirroring ratio
1
A/A
RFMIN
Timing resistor range
1
100
k
PFC_STOP function
Ileak
High level leakage
current
VPFC_STOP = VCC,
VDIS = 0V
1
µA
VL
Low saturation level
IPFC_STOP =1mA,
VDIS = 2V
0.2
V
Soft-start function
Ileak
Open-state current
V(Css) = 2V
0.5
µA
R
Discharge resistance
VISEN > VISENx
120
Standby function
IDIS
Input Bias Current
VDIS = 0 to Vth
-1
µA
Vth
Disable threshold
Voltage falling (1)
1.2
1.25
1.3
V
Hys
Hysteresis
Voltage rising
50
mV
Table 4.
Electrical characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com