Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6599D Datasheet(PDF) 26 Page - STMicroelectronics

Part # L6599D
Description  High-voltage resonant controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6599D Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L6599D Datasheet HTML 22Page - STMicroelectronics L6599D Datasheet HTML 23Page - STMicroelectronics L6599D Datasheet HTML 24Page - STMicroelectronics L6599D Datasheet HTML 25Page - STMicroelectronics L6599D Datasheet HTML 26Page - STMicroelectronics L6599D Datasheet HTML 27Page - STMicroelectronics L6599D Datasheet HTML 28Page - STMicroelectronics L6599D Datasheet HTML 29Page - STMicroelectronics L6599D Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
Application information
L6599
26/36
Figure 31. Soft-start and delayed shutdown upon overcurrent timing diagram
This function is realized with pin 2 (DELAY), by means of a capacitor CDelay and a parallel
resistor RDelay connected to ground. As the voltage on the ISEN pin exceeds 0.8V the first
OCP comparator, in addition to discharging CSS, turns on an internal current generator that
sources 150µA from the DELAY pin and charges CDelay. During an overload/short-circuit the
OCP comparator and the internal current source will be repeatedly activated and CDelay will
be charged with an average current that depends essentially on the time constant of the
current sense filtering circuit, on CSS and the characteristics of the resonant circuit; the
discharge due to RDelay can be neglected, considering that the associated time constant is
typically much longer.
This operation will go on until the voltage on CDelay reaches 2V, which defines the time TSH.
There is not a simple relationship that links TSH to CDelay, thus it is more practical to
determine CDelay experimentally. As a rough indication, with CDelay = 1µF TSH will be in the
order of 100ms.
Once CDelay is charged at 2V the internal switch that discharges CSS is forced low
continuously regardless of the OCP comparator's output, and the 150µA current source is
continuously on, until the voltage on CDelay reaches 3.5V. This phase lasts:
with TMP is expressed in ms and CDelay in µF. During this time the L6599 runs at a frequency
close to fstart (see Chapter 7.3: Soft-start) to minimize the energy inside the resonant circuit.
As the voltage on CDelay is 3.5V, the device stops switching and the PFC_STOP pin is pulled
low. Also the internal generator is turned off, so that CDelay will now be slowly discharged by
RDelay. The IC will restart when the voltage on CDelay will be less than 0.3V, which will take:
t
Vcc
Css
t
t
DELAY
START-UP
OVER
LOAD
OVERLOAD
t
Primary
Current
NORMAL
OPERATION
NORMAL
OPERATION
SHUTDOWN
2V
Vout
t
0A
SOFT-START
SOFT-START
2V
3.5V
0.3V
MIN. POWER
t
PFC_STOP
ISEN
t
0.8V
TSH
TSTOP
TMP
Tss
T
MP
10
C
Delay
⋅
=
T
STOP
R
Delay
C
Delay
⋅
=
ln
3.5
0.3
--------
2.5R
Delay
≈
C
Delay
⋅



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com