Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRIS2K Datasheet(PDF) 2 Page - STMicroelectronics

Part # LRIS2K
Description  Memory TAG IC, 64 bit UID, 2048 bit EEPROM with Password 13.56MHz, ISO15693 and ISO18000-3 Mode 1 compliant
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRIS2K Datasheet(HTML) 2 Page - STMicroelectronics

  LRIS2K Datasheet HTML 1Page - STMicroelectronics LRIS2K Datasheet HTML 2Page - STMicroelectronics LRIS2K Datasheet HTML 3Page - STMicroelectronics LRIS2K Datasheet HTML 4Page - STMicroelectronics LRIS2K Datasheet HTML 5Page - STMicroelectronics LRIS2K Datasheet HTML 6Page - STMicroelectronics LRIS2K Datasheet HTML 7Page - STMicroelectronics LRIS2K Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Summary description
LRIS2K
2/8
1
Summary description
The LRIS2K is a contactless memory powered by the received carrier electromagnetic
wave. It is a 2048-bit Electrically Erasable Programmable Memory (EEPROM). The memory
is organized as 64 blocks of 32 bits. The LRIS2K is accessed via the 13.56MHz carrier
electromagnetic wave on which incoming data are demodulated from the received signal
amplitude modulation (ASK: Amplitude Shift Keying). The received ASK wave is 10% or
100% modulated with a Data rate of 1.6Kbit/s using the 1/256 pulse coding mode or a Data
rate of 26Kbit/s using the 1/4 pulse coding mode.
Outgoing data are generated by the LRIS2K load variation using Manchester coding with
one or two sub-carrier frequencies at 423KHz and 484KHz. Data are transferred from the
LRIS2K at 6.6Kbit/s in low data rate mode and 26Kbit/s high data rate mode. The LRIS2K
supports the 53Kbit/s in high data rate mode in one subcarrier frequency at 423KHz.
The LRIS2K follows the ISO15693 recommendation for Radio frequency power and signal
interface.
Figure 1.
Pad Connections
Table 1.
Signal Names
AC1
Antenna Coil
AC0
Antenna Coil
AI12853
AC1
LRIS2K
AC0
Power
Supply
Regulator
Manchester
Load
Modulator
ASK
Demodulator
2048 bit
EEPROM
memory



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com