Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRIS2K Datasheet(PDF) 3 Page - STMicroelectronics

Part # LRIS2K
Description  Memory TAG IC, 64 bit UID, 2048 bit EEPROM with Password 13.56MHz, ISO15693 and ISO18000-3 Mode 1 compliant
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRIS2K Datasheet(HTML) 3 Page - STMicroelectronics

  LRIS2K Datasheet HTML 1Page - STMicroelectronics LRIS2K Datasheet HTML 2Page - STMicroelectronics LRIS2K Datasheet HTML 3Page - STMicroelectronics LRIS2K Datasheet HTML 4Page - STMicroelectronics LRIS2K Datasheet HTML 5Page - STMicroelectronics LRIS2K Datasheet HTML 6Page - STMicroelectronics LRIS2K Datasheet HTML 7Page - STMicroelectronics LRIS2K Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LRIS2K
Summary description
3/8
1.1
Memory mapping
The LRIS2K is divided into 64 blocks of 32 bits as shown in Table 2. Each block can be
individually Read and/or Write Protected using a specific lock or password command.
The User Area consists of blocks that are always accessible. READ and WRITE operations
are possible if the addressed block is not protected. During a WRITE, the 32 bits of the block
are replaced by the new 32-bit value.
The LRIS2K also has a 64-bit block that is used to store the 64-bit Unique Identifier (UID).
The UID is compliant with the ISO15963 description, and its value is used during the anti-
collision sequence (INVENTORY). This block is not accessible by the user and its value is
written by ST on the production line.
The LRIS2K also includes an AFI register in which the Application Family Identifier is stored,
and a DSFID register in which the Data Storage Family Identifier used in the anti-collision
algorithm is stored. The LRIS2K has four additional 32-bit blocks in which the KILL code and
the Password codes are stored.
Table 2.
Memory map
Add
0
7 8
15 16
23
24
31 Protect status
0
User Area
5 bits
1
User Area
5 bits
2
User Area
5 bits
3
User Area
5 bits
4
User Area
5 bits
5
User Area
5 bits
6
User Area
5 bits
7
User Area
5 bits
8
User Area
5 bits
User Area
5 bits
User Area
5 bits
User Area
5 bits
60
User Area
5 bits
61
User Area
5 bits
62
User Area
5 bits
63
User Area
5 bits
UID 0
UID 1
UID 2
UID 3
UID 4
UID 5
UID 6
UID 7
AFI
DSFID
0
KILL code
5 bits
1
Password code 1
5 bits
2
Password code 2
5 bits
3
Password code 3
5 bits



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com