Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K320M2/0 Datasheet(PDF) 2 Page - Amphenol Industrial Products Group.

Part # K320M2/0
Description  UL 1977 Effortless & Arcless Din Connectors 160A/320A/430A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIO [Amphenol Industrial Products Group.]
Direct Link  https://www.amphenol-industrial.com/
Logo AIO - Amphenol Industrial Products Group.

K320M2/0 Datasheet(HTML) 2 Page - Amphenol Industrial Products Group.

  K320M2/0 Datasheet HTML 1Page - Amphenol Industrial Products Group. K320M2/0 Datasheet HTML 2Page - Amphenol Industrial Products Group. K320M2/0 Datasheet HTML 3Page - Amphenol Industrial Products Group.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Please contact us at
eeaaxxttrroonn@
@aam
mpphheennooll--aaiioo..ccoom
m for more information.
ONE LOADER FOR ALL OUR CONTACTS
NO ADDITIONAL PIECES
LOCKING ADAPTOR
The clip on contact loader to make wiring the connectors
easier. After crimping or soldering contacts to wires, one
needs to only clip them (including auxiliaries, air tubes &
pilot contacts) to the contact loader to be clipped securely
as one in the housing. Reliable. Safe & Easy.
Everything you need comes ready with instructions for you or
your customers to safely install
the connectors. No additional
adaption is required. Simply install, safely use & reliably trust
these patented battery connectors.
Auxillary contacts
Air tubes or pilot contacts
COLOR CODED CABLE CLAMPS
RELIABLE: PREVENT CABLE DAMAGE
AIO’s cable clamps are also self-centering; they will
maintain your wires in proper position and preserve
the integrity of the cable.
Cable clamp cap
Cable clamp bottom
Self-centering cable clamp
Identify battery voltages easily thanks to
the color coded cable
clamps. In addition to the coding pins,
AIO’s cable clamps
allow you to track different battery voltages and types from a
distance to avoid any mismatch in use.
Kit of Cable Clamp:
24 V
36 V
48 V
72 V
80 V
Red
Grey
Blue
Green
Black
The cap and bottom cable clamps are the same for males and females, and
available
for 160A
, 320A and 430A connectors.
amphenol-industrial.com/eaxtron
© 2022 All Rights Reserved. Amphenol Industrial Operations
The locking adapter makes the handle interoperable
and easily affixed on
the Male or Female Connector & DSC Solution.
Safe
Durable



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com