Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K320M2/0 Datasheet(PDF) 1 Page - Amphenol Industrial Products Group.

Part # K320M2/0
Description  UL 1977 Effortless & Arcless Din Connectors 160A/320A/430A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIO [Amphenol Industrial Products Group.]
Direct Link  https://www.amphenol-industrial.com/
Logo AIO - Amphenol Industrial Products Group.

K320M2/0 Datasheet(HTML) 1 Page - Amphenol Industrial Products Group.

  K320M2/0 Datasheet HTML 1Page - Amphenol Industrial Products Group. K320M2/0 Datasheet HTML 2Page - Amphenol Industrial Products Group. K320M2/0 Datasheet HTML 3Page - Amphenol Industrial Products Group.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UL 1977 Effortless & Arcless Din Connectors
Please contact us at
eeaaxxttrroonn@
@aam
mpphheennooll--aaiioo..ccoom
m for more information.
Vortex Clip
Locking handle and lock
Locking collar
80%
than normal for connecting
and disconnecting
LESS EFFORT
amphenol-industrial.com/eaxtron
160A/320A/430A
© 2022 All Rights Reserved. Amphenol Industrial Operations
Amphenol Industrial Operations (AIO) has partnered with
Eaxtron who has designed a state of the art female contact.
The patented Vortex Clip™ significantly improves all aspects
of the connection interface. Not only does the unique
spiraling shape allow for more contact points, providing a
higher rate of conductivity, it also facilitates coupling with
eighty percent less effort than the industry standard!
Amphenol Industrial Operations / Eaxtron contacts are made from pure copper
(Cu11 000) and plated with an industry leading 6um of silver. The plating ensures
minimal wear and tear on the contact. Even more importantly
the patented vortex
clip significantly reduces coupling friction, further maximizing
the lifetime of the contact.
Polyamide material guarantees robust performance in even
the toughest of working conditions.
These flexible handles
are highly durable, so you can avoid the most common cause
and cost of early replacement, broken handles.
By virtue of these innovations, the initial results of ongoing tests show that an
AIO
connector lasts up to twelve thousand cycles, more than double the industry standard.
EFFORTLESSNESS
DURABILITY
SAFETY
EFFICIENCY
Amphenol Industrial Operations’ product has Eaxtron designed and patented locking mechanisms that
work in conjunction with the user to provide an arcless experience. Additionally the unique design of the
female contacts and durable housing nullifies all ‘inevitable’ arcs. When the connector is load bearing the
patented design manages and safely disperses arcs within the connector carriage. All of this innovation
allows the user to operate in a truly arcless environment, with none of the risks traditionally posed to
both individuals and equipment.
The color coded system prevents non-compatible
connection by clearly classifying by color different
voltages and applications.
The Vortex Clip™ guarantees a safer and easier connection, it also allows for a higher rate of
conductivity.
The highly innovative contact loader, allows you to attach wired pilots, auxiliaries, and main
contacts faster than ever before, directly to the connector.
Mfg by
IB-16-2


Similar Part No. - K320M2/0

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
K320 GWSEMI-K320 Datasheet
209Kb / 2P
Surface Mounted Schottky Barrier Rectifiers
logo
VBsemi Electronics Co.,...
K3205 VBSEMI-K3205 Datasheet
1,008Kb / 7P
N-Channel 200 V (D-S) MOSFET
logo
Shanghai Shunye Electro...
K320L SHUNYE-K320L Datasheet
472Kb / 3P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
V2.22
logo
Goodwork Semiconductor ...
K320V GWSEMI-K320V Datasheet
126Kb / 2P
Surface Mounted Schottky Barrier Rectifiers
More results

Similar Description - K320M2/0

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PQ160QH04N NIEC-PQ160QH04N Datasheet
56Kb / 2P
SBD MODULE 160A/40V
logo
Adam Technologies, Inc.
DIP96MRL33A1C1 ADAM-TECH-DIP96MRL33A1C1 Datasheet
154Kb / 1P
DIN 41612 CONNECTORS
logo
Lumberg
XS32 LUMBERG-XS32 Datasheet
96Kb / 1P
DIN circular connectors
logo
Bourns Electronic Solut...
1977-XX-XXX BOURNS-1977-XX-XXX Datasheet
222Kb / 2P
1977 Series High Frequency Coaxial SPD
logo
Naina Semiconductor ltd...
NDD160C NAINA-NDD160C Datasheet
227Kb / 3P
Diode/Diode Module, 160A
logo
Schneider Electric
1008797 SCHNEIDER-1008797 Datasheet
104Kb / 2P
METER SOCKET RINGLESS 320A LEVER SOLID
1009444 SCHNEIDER-1009444 Datasheet
84Kb / 2P
MTR SKT 320A 1PH HCP
UTH4300T SCHNEIDER-UTH4300T Datasheet
78Kb / 2P
METER SOCKET RINGLESS LEVER OH 320A
Mar 26, 2020
logo
TECH PUBLIC Electronics...
TPE1255D6 TECHPUBLIC-TPE1255D6 Datasheet
1Mb / 4P
160A For Vbus
logo
Weidmuller
BR1C10UC WEIDMULLER-BR1C10UC Datasheet
4Mb / 32P
UL 489 and UL 1077 DIN-Rail Miniature Circuit Breakers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com