Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REA1020331M050 Datasheet(PDF) 2 Page - AVX Corporation

Part # REA1020331M050
Description  Radial Leaded Aluminum Electrolytic Capacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

REA1020331M050 Datasheet(HTML) 2 Page - AVX Corporation

  REA1020331M050 Datasheet HTML 1Page - AVX Corporation REA1020331M050 Datasheet HTML 2Page - AVX Corporation REA1020331M050 Datasheet HTML 3Page - AVX Corporation REA1020331M050 Datasheet HTML 4Page - AVX Corporation REA1020331M050 Datasheet HTML 5Page - AVX Corporation REA1020331M050 Datasheet HTML 6Page - AVX Corporation REA1020331M050 Datasheet HTML 7Page - AVX Corporation REA1020331M050 Datasheet HTML 8Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
53
Radial Leaded Aluminum Electrolytic
Capacitors
REA Series
CAPACITANCE AND RATED VOLTAGE RANGE (FIGURES DENOTES CASE SIZE)
TECHNICAL SPECIFICATIONS
Category Temperature Range:
-40°C to +105°C (6.3-250V), -25°C to +105°C (350-450V)
Capacitance Range
At 25°C, 120Hz
0.47µF – 22,000µF
Capacitance Tolerance:
At 25°C, 120Hz
±20%
Dissipation Factor (%)
Measurement Frequency:
120Hz at 25°C
Please see the ratings and part
number reference table below
Leakage Current:
After 2 minutes (6.3-100V),
3 minutes (160-250V) at
rated working voltage at
25°C*
6.3-100V
160-450V
I≤0.01CV or
3μA, whichever
is greater
I≤0.03CV +
20μA, whichever
is greater
* Note: In the case of an anomalous reading, re-measure the leakage current after following voltage treatment:
Voltage treatment: DC rated voltage to be applied to the capacitors for 120 minutes at 105°C.
Capacitance
Rated Voltage DC (VR)
µF
Code
6.3V
10V
16V
25V
35V
50V
63V
100V
160V
200V
250V
350V
400V
450V
0.47
R47
0511
1.0
1R0
0511
2.2
2R2
0511
0511
0611
0611
0812
0812
0812
1013
3.3
3R3
0511
0511
0812
0812
0812
0812
0812
1013
4.7
4R7
0511
0511
0812
1013
0812
1013
1013
1016
10
100
0511
0511
0511
0511
0611
1013
1016
1016
1020
1020
1321
22
220
0511
0611
0611
0611
0812
1016
1020
1321
1321
1325
0850
1622
1040
33
330
0611
0611
0812
0812
1013
1020
1321
1321
1040
1325
1622
0861
1040
1626
1050
1335
39
390
1013
1020
1321
1325
1622
1040
1330
1626
0861
1045
1335
1632
0861
1050
1340
47
470
0511
0611
0812
0812
1013
1016
1321
1321
1325
1626
1040
1335
1430
1632
1050
1340
1440
1825
1060
1350
1440
68
680
1020
1325
1325
1622
1626
1060
1340
1635
1825
1350
1445
1635
1832
1360
1450
1640
82
820
1321
1622
1626
1632
1350
1635
1832
1445
1640
1835
1450
1645
100
101
0511
0511
0611
0812
0812
1013
1016
1321
1626
1632
1636
1832
1640
1835
1450
1645
1840
1650
120
121
1835
1840
220
221
0611
0611
0812
1013
1013
1016
1020
1626
1835
1840
330
331
0812
0812
0812
1013
1016
1020
1321
1626
470
471
0812
0812
1013
1020
1321
1321
1626
1632
560
561
2240
2250
680
681
2250
2550
820
821
2550
1000
102
1013
1016
1020
1321
1325
1626
1632
2200
222
1020
1321
1325
1626
1632
1835
3300
332
1321
1325
1626
1632
1835
1840
4700
472
1325
1626
1632
1835
1840
6800
682
1626
1632
1835
1840
10,000
103
1632
1835
1840
15,000
153
1835
1840
22,000
223
1840
Released ratings
TDS-ALUM-0013 | Rev 0
– aluminum capacitors –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available
online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com