Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REA1020331M050 Datasheet(PDF) 1 Page - AVX Corporation

Part # REA1020331M050
Description  Radial Leaded Aluminum Electrolytic Capacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

REA1020331M050 Datasheet(HTML) 1 Page - AVX Corporation

  REA1020331M050 Datasheet HTML 1Page - AVX Corporation REA1020331M050 Datasheet HTML 2Page - AVX Corporation REA1020331M050 Datasheet HTML 3Page - AVX Corporation REA1020331M050 Datasheet HTML 4Page - AVX Corporation REA1020331M050 Datasheet HTML 5Page - AVX Corporation REA1020331M050 Datasheet HTML 6Page - AVX Corporation REA1020331M050 Datasheet HTML 7Page - AVX Corporation REA1020331M050 Datasheet HTML 8Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
52
Radial Leaded Aluminum Electrolytic
Capacitors
REA Series
FEATURES
• Long Life
• Endurance: 3000 - 5000 hours at 105°C
• RoHS Compliance
APPLICATIONS
• Communications Equipment
• Industrial Equipment
LEAD-FREE COMPATIBLE
COMPONENT
Product Type
Aluminum
Series Type
Case Size
See table below
Capacitance Code
µF code: 1st two digits represent significant figures,
3rd digit represents multiplier (number of zeros to follow)
Tolerance
M = ±20%
HOW TO ORDER
R
EA
1013
471
M
016
K
-
Special
No Code = std
Packaging
K = Ammo Pack
B = Bulk Pack
Rated DC Voltage
050 = 50Vdc
063 = 63Vdc
100 = 100Vdc
160 = 160Vdc
200 = 200Vdc
CASE DIMENSIONS millimeters (inches)
Code
D+0.50(0.020)
L’±0.50(0.020)
d±0.05(0.002)
P±0.50(0.020)
α
Code
D+0.50(0.020)
L’+2.00(0.079)
d±0.05(0.002)
P±0.50(0.020)
α
0511
5.00 (0.020)
11.00 (0.433)
0.50 (0.020)
2.00 (0.079)
1.00 (0.039)
1430
14.50 (0.571)
30.00 (1.181)
0.80 (0.315)
7.50 (0.295)
2.00 (0.079)
0611
6.30 (0.248)
11.00 (0.433)
0.50 (0.020)
2.50 (0.098)
1.00 (0.039)
1440
14.50 (0.571)
40.00 (1.575)
0.80 (0.315)
7.50 (0.295)
2.00 (0.079)
0812
8.00 (0.315)
12.00 (0.472)
0.50 (0.020)
3.50 (0.138)
1.00 (0.039)
1445
14.50 (0.571)
45.00 (1.772)
0.80 (0.315)
7.50 (0.295)
2.00 (0.079)
0850
8.00 (0.315)
50.00 (1.969)
0.50 (0.020)
3.50 (0.138)
2.00 (0.079)
1450
14.50 (0.571)
50.00 (1.969)
0.80 (0.315)
7.50 (0.295)
2.00 (0.079)
0861
8.00 (0.315)
61.00 (2.402)
0.50 (0.020)
3.50 (0.138)
2.00 (0.079)
1622
16.00 (0.630)
22.00 (0.866)
0.80 (0.315)
7.50 (0.295)
2.00 (0.079)
1013
10.00 (0.394)
13.00 (0.512)
0.60 (0.024)
5.00 (0.020)
1.00 (0.039)
1626
16.00 (0.630)
26.00 (1.024)
0.80 (0.315)
7.50 (0.295)
2.00 (0.079)
1016
10.00 (0.394)
16.00 (0.630)
0.60 (0.024)
5.00 (0.020)
2.00 (0.079)
1632
16.00 (0.630)
32.00 (1.260)
0.80 (0.315)
7.50 (0.295)
2.00 (0.079)
1020
10.00 (0.394)
20.00 (0.787)
0.60 (0.024)
5.00 (0.020)
2.00 (0.079)
1635
16.00 (0.630)
35.00 (1.378)
0.80 (0.315)
7.50 (0.295)
2.00 (0.079)
1040
10.00 (0.394)
40.00 (1.575)
0.60 (0.024)
5.00 (0.020)
2.00 (0.079)
1636
16.00 (0.630)
36.00 (1.417)
0.80 (0.315)
7.50 (0.295)
2.00 (0.079)
1045
10.00 (0.394)
45.00 (1.772)
0.60 (0.024)
5.00 (0.020)
2.00 (0.079)
1640
16.00 (0.630)
40.00 (1.575)
0.80 (0.315)
7.50 (0.295)
2.00 (0.079)
1050
10.00 (0.394)
50.00 (1.969)
0.60 (0.024)
5.00 (0.020)
2.00 (0.079)
1645
16.00 (0.630)
45.00 (1.772)
0.80 (0.315)
7.50 (0.295)
2.00 (0.079)
1060
10.00 (0.394)
60.00 (2.362)
0.60 (0.024)
5.00 (0.020)
2.00 (0.079)
1650
16.00 (0.630)
50.00 (1.969)
0.80 (0.315)
7.50 (0.295)
2.00 (0.079)
1321
13.00 (0.521)
21.00 (0.827)
0.60 (0.024)
5.00 (0.020)
2.00 (0.079)
1825
18.00 (0.709)
25.00 (0.984)
0.80 (0.315)
7.50 (0.295)
2.00 (0.079)
1325
13.00 (0.512)
25.00 (0.984)
0.60 (0.024)
5.00 (0.020)
2.00 (0.079)
1832
18.00 (0.709)
32.00 (1.260)
0.80 (0.315)
7.50 (0.295)
2.00 (0.079)
1330
13.00 (0.512)
30.00 (1.181)
0.60 (0.024)
5.00 (0.020)
2.00 (0.079)
1835
18.00 (0.709)
35.00 (1.378)
0.80 (0.315)
7.50 (0.295)
2.00 (0.079)
1335
13.00 (0.512)
35.00 (1.378)
0.60 (0.024)
5.00 (0.020)
2.00 (0.079)
1840
18.00 (0.709)
40.00 (1.575)
0.80 (0.315)
7.50 (0.295)
2.00 (0.079)
1340
13.00 (0.512)
40.00 (1.575)
0.60 (0.024)
5.00 (0.020)
2.00 (0.079)
2240
22.00 (0.866)
40.00 (1.575)
0.80 (0.315)
10.00 (0.394)
2.00 (0.079)
1350
13.00 (0.512)
50.00 (1.969)
0.60 (0.024)
5.00 (0.020)
2.00 (0.079)
2250
22.00 (0.866)
50.00 (1.969)
0.80 (0.315)
10.00 (0.394)
2.00 (0.079)
1360
13.00 (0.512)
60.00 (2.362)
0.60 (0.024)
5.00 (0.020)
2.00 (0.079)
2550
25.00 (0.984)
50.00 (1.969)
1.00 (0.039)
12.50 (0.492)
2.00 (0.079)
250 = 250Vdc
350 = 350Vdc
400 = 400Vdc
450 = 450Vdc
006 = 6.3Vdc
010 = 10Vdc
016 = 16Vdc
025 = 25Vdc
035 = 35Vdc
MARKING
TDS-ALUM-0013 | Rev 0
KAVX
REA 105ºC
2140J PET
50V470µF
VOLTAGE/CAPACITANCE
KAVX LOGO
POLARITY BAND (CATHODE)
COMPANY NAME
SERIES/TEMP.
ID/SLEEVE MATERIAL
– aluminum capacitors –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available
online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.


Similar Part No. - REA1020331M050

ManufacturerPart #DatasheetDescription
logo
RFE international
REA100M1HSA050110 RFE-REA100M1HSA050110 Datasheet
2Mb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS REA Series: Radial, General Purpose
31-AUG-2023
More results

Similar Description - REA1020331M050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VPR881U6R3E1A ETC2-VPR881U6R3E1A Datasheet
157Kb / 4P
Radial Leaded Aluminum Electrolytic
logo
Cornell Dubilier Electr...
VPR881U6R3E1A CDE-VPR881U6R3E1A Datasheet
157Kb / 4P
Radial Leaded Aluminum Electrolytic
logo
Panasonic Battery Group
EEU-FR1A101B PANASONICBATTERY-EEU-FR1A101B Datasheet
253Kb / 1P
Radial Leaded Aluminum Electrolytic Capacitors LCD backlighting
logo
Panasonic Semiconductor
EEU-FR1E331 PANASONIC-EEU-FR1E331 Datasheet
253Kb / 1P
Radial Leaded Aluminum Electrolytic Capacitors
EEU-FR1A101B PANASONIC-EEU-FR1A101B Datasheet
253Kb / 1P
Radial Leaded Aluminum Electrolytic Capacitors
logo
AVX Corporation
REF AVX-REF Datasheet
519Kb / 7P
Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
REH AVX-REH Datasheet
500Kb / 8P
Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
RHA AVX-RHA Datasheet
346Kb / 4P
Radial Leaded Aluminum Hybrid Electrolytic Capacitors
Rev 0
RHD AVX-RHD Datasheet
443Kb / 4P
Radial Leaded Aluminum Hybrid Electrolytic Capacitors
Rev 0
RPA AVX-RPA Datasheet
344Kb / 4P
Radial Leaded Aluminum Conductive Polymer Electrolytic Capacitors
Rev 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com