Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB-DIO32HS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # USB-DIO32HS
Description  High-Speed Digital I/O
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

USB-DIO32HS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  USB-DIO32HS Datasheet HTML 1Page - List of Unclassifed Manufacturers USB-DIO32HS Datasheet HTML 2Page - List of Unclassifed Manufacturers USB-DIO32HS Datasheet HTML 3Page - List of Unclassifed Manufacturers USB-DIO32HS Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Measurement Computing
(508) 946-5100
1
info@mccdaq.com
mccdaq.com
USB-DIO32HS
Measurement Computing
(508) 946-5100
1
info@mccdaq.com
mccdaq.com
High-Speed Digital I/O
Digital I/O
The 32 DIO bits are available as two
16-bit ports that are bit-configurable for
input or output. Each port is configured
independently, so both software polling
and hardware scanning operations can
be performed at the same time.
When performing software polling, the
port can contain any combination of
input or output bits. When performing
hardware-paced output scans, all bits in
the port must be set for output. For input
scans, however, the current state of any
bits in the port that are configured for
output are read.
Digital Output Scanning
Either digital port can output a 16-bit
digital pattern. The pattern is updated
at a rate up to 8 MS/s, and clocked using
the output scan clock. Use both ports to
output a 32-bit digital pattern. Data from
one port is read and stored in the FIFO
buffer until the second port is read. Both
ports are output simultaneously on the
rising edge of the next pacer clock signal.
Pull-Up/Down Configuration
The DIO bits can be pulled up to 5 V or
down to 0 V through 47 kΩ resistors via
onboard jumpers.
Clock I/O
Users can pace input scanning operations
with the onboard input scan clock or
with an external signal. The input clock
frequency is 8 MHz, maximum.
A duty cycle of 50% is maintained when
the internal input clock paces operations.
When using an external clock, the signal
is output immediately after the external
clock input is received.
Data Transfer
The USB-DIO32HS uses a delay between
the output scan clock and the data transfer
pin, which allows an external device that
is receiving the data to know that the
data is stable at that point, and ensures
a coherent data transfer between devices.
USB-DIO32HS devices provide 32 bits of high-speed digital I/O, input/output scan rates up to
8 MS/s, and simultaneous hardware and software scanning. The USB-DIO32HS-OEM (above
left) has a board-only form factor and header connectors. The USB-DIO32HS (above right) is
a cased version with screw terminals.
Triggering
Digital and pattern triggering are sup-
ported.
The TRIG pin is used for external TTL-level
triggering, and can be used to trigger input
or output scans. Trigger latency is less
than 1 µs. The trigger mode is software-
selectable for edge or level sensitive, and
high or low logic.
Either digital port can be used for pattern
triggering. A scan is triggered when a
specified pattern is detected. Specific bits
can be masked or ignored. Trigger latency
is 1 scan clock period. You can input or
output a digital pattern under the timing
control of a clock signal.
USB-DIO32HS-OEM
The USB-DIO32HS-OEM has a board-only
form factor with header connectors for
OEM and embedded applications (no
case, CD, or USB cable included). The
device can be further customized to meet
customer needs.
Features
• 32 bits of bidirectional TTL
digital I/O
• Pattern detection and
generation
• Input scan rate up to 8 MS/s
• Update rate up to 8 MS/s
• Independent input and output
scan clocks
• 24 mA source, 10 mA sink
output current
• External trigger and clock
inputs
• Available with enclosure and
screw terminals, or as a board-
only OEM version with header
connectors (no case, CD, or
USB cable included)
Supported Operating Systems •
Windows®
11/10/8/7/Vista®/
XP, 32/64-bit
• Linux®
• Android™
Overview
The USB-DIO32HS provides 32 bits of high-speed digital I/O, and features
independent input and output scan clocks, hardware and software triggering, and
pattern detection/generation.


Similar Part No. - USB-DIO32HS

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
USB-DIO-16A ADL-USB-DIO-16A Datasheet
217Kb / 4P
16 High-Speed Digital I/Os, 18 standard I/Os, 128 kByte FIFO
USB-DIO-16H ADL-USB-DIO-16H Datasheet
217Kb / 4P
16 High-Speed Digital I/Os, 18 standard I/Os, 128 kByte FIFO
USB-DIO-32 ADL-USB-DIO-32 Datasheet
216Kb / 3P
Enclosure, module and screw terminal board
USB-DIO-48 ADL-USB-DIO-48 Datasheet
268Kb / 3P
96 High-Speed Digital I/O?셲 in rugged enclosure
USB-DIO-96 ADL-USB-DIO-96 Datasheet
268Kb / 3P
96 High-Speed Digital I/O?셲 in rugged enclosure
More results

Similar Description - USB-DIO32HS

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
P104-DIO-96 ADL-P104-DIO-96 Datasheet
1Mb / 2P
96 High-Speed Digital I/O?셲
USB-DIO-96 ADL-USB-DIO-96 Datasheet
268Kb / 3P
96 High-Speed Digital I/O?셲 in rugged enclosure
logo
MolexKits
76650-0006 MOLEXKITS-76650-0006 Datasheet
38Kb / 2P
SMT High Speed I/O
logo
List of Unclassifed Man...
PCIE-7350 ETC2-PCIE-7350 Datasheet
380Kb / 2P
50 MHz 32-CH High-Speed Digital I/O Card
logo
Samtec, Inc
HDMR1902SSM SAMTEC-HDMR1902SSM Datasheet
334Kb / 1P
HIGH SPEED I/O RECEPTACLES
ERC-019-01-02 SAMTEC-ERC-019-01-02 Datasheet
639Kb / 1P
HIGH SPEED I/O SYSTEM
HDMR-29-01-S-SM-TR SAMTEC-HDMR-29-01-S-SM-TR Datasheet
334Kb / 1P
HIGH SPEED I/O RECEPTACLES
logo
Adlink Technology Inc.
PCIE-7360 ADLINK-PCIE-7360 Datasheet
170Kb / 1P
100 MHz 32-CH High-Speed Digital I/O Card
logo
Contec Co., Ltd
PIO-32H CONTEC-PIO-32H Datasheet
480Kb / 4P
High Speed Isolated Digital I/O Board for PCI
logo
List of Unclassifed Man...
USB-CTR ETC-USB-CTR Datasheet
1Mb / 8P
High-Speed Counter/Timer Devices with Digital I/O
April 2018. Rev 8
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com